Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7512 Datasheet(PDF) 29 Page - STMicroelectronics

Part # TDA7512
Description  AM/FM CAR RADIO TUNER IC WITH INTELLIGENT SELECTIVITY SYSTEM ISS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TDA7512 Datasheet HTML 25Page - STMicroelectronics TDA7512 Datasheet HTML 26Page - STMicroelectronics TDA7512 Datasheet HTML 27Page - STMicroelectronics TDA7512 Datasheet HTML 28Page - STMicroelectronics TDA7512 Datasheet HTML 29Page - STMicroelectronics TDA7512 Datasheet HTML 30Page - STMicroelectronics TDA7512 Datasheet HTML 31Page - STMicroelectronics TDA7512 Datasheet HTML 32Page - STMicroelectronics TDA7512 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
29/42
TDA7512
2.3.11 Addr 11 Quality Deviation Detection
2.3.12 Addr 12 Softmute Control 1
Table 19.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
00
0
charge current 34
µΑ, discharge current 6µΑ
00
1
charge current 32
µΑ, discharge current 8µΑ
01
0
charge current 30
µΑ, discharge current 10µΑ
01
1
charge current 28
µΑ, discharge current 12µΑ
--
-
-
11
1
charge current 20
µΑ, discharge current 20µΑ
0
0
DEV threshold for ISS narrow/wide 30kHz
0
1
DEV threshold for ISS narrow/wide 45kHz
1
0
DEV threshold for ISS narrow/wide 60kHz
1
1
DEV threshold for ISS narrow/wide 75kHz
0
0
DEV threshold for ISS filter “OFF” ratio 1.5
0
1
DEV threshold for ISS filter “OFF” ratio 1.4
1
0
DEV threshold for ISS filter “OFF” ratio 1.3
1
1
DEV threshold for ISS filter “OFF” ratio 1
0
Disable ISS filter to fixed bandwith (ISS80) in automatic control
1
Enable ISS filter to fixed bandwith (ISS80) in automatic control
Table 20.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
00
0
Startpoint mute 0 in application about 3dB
µV antenna level
00
1
Startpoint mute 1in application about 4dB
µV antenna level
--
-
-
11
1
Startpoint mute 7in application about 10dB
µV antenna level
0
0
0
0
Mute depth 0 in application 18dB
0
0
0
1
Mute depth 1 in application 20dB
0
0
1
0
Mute depth 2 in application 22dB
0
0
1
1
Mute depth 3 in application 24dB
-
-
-
-
- (logarithmically behaviour)
1
1
1
1
Mute depth 15 in application 36dB
0
Mute disable
1
Mute enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com