Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7512 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA7512
Description  AM/FM CAR RADIO TUNER IC WITH INTELLIGENT SELECTIVITY SYSTEM ISS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA7512 Datasheet HTML 20Page - STMicroelectronics TDA7512 Datasheet HTML 21Page - STMicroelectronics TDA7512 Datasheet HTML 22Page - STMicroelectronics TDA7512 Datasheet HTML 23Page - STMicroelectronics TDA7512 Datasheet HTML 24Page - STMicroelectronics TDA7512 Datasheet HTML 25Page - STMicroelectronics TDA7512 Datasheet HTML 26Page - STMicroelectronics TDA7512 Datasheet HTML 27Page - STMicroelectronics TDA7512 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
TDA7512
24/42
2.3
DATA BYTE SPECIFICATION
2.3.1
Addr 0 Charge Pump Control
2.3.2
Addr 1PLL Counter 1 (LSB)
Table 9.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
0
0
0
High current = 0mA
0
0
0
1
High current = 0.5mA
0
0
1
0
High current = 1mA
0
0
1
1
High current = 1.5mA
---
-
-
1
1
1
1
High current = 7.5mA
00
Low current = 0
µA
01
Low current = 50
µA
10
Low current = 100
µA
11
Low current = 150
µA
0
Select low current
1
Select high current
0
Lock detector disable
1
Lock detector enable
Table 10.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
000
000
00
LSB = 0
000
000
01
LSB = 1
000
000
10
LSB = 2
---
----
-
-
111
111
00
LSB = 252
111
111
01
LSB = 253
111
111
10
LSB = 254
111
111
11
LSB = 255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com