Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7535 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7535
Description  DELTA/SIGMA CASCADE 20 BIT STEREO DAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7535 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7535 Datasheet HTML 1Page - STMicroelectronics TDA7535 Datasheet HTML 2Page - STMicroelectronics TDA7535 Datasheet HTML 3Page - STMicroelectronics TDA7535 Datasheet HTML 4Page - STMicroelectronics TDA7535 Datasheet HTML 5Page - STMicroelectronics TDA7535 Datasheet HTML 6Page - STMicroelectronics TDA7535 Datasheet HTML 7Page - STMicroelectronics TDA7535 Datasheet HTML 8Page - STMicroelectronics TDA7535 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TDA7535
2/9
ABSOLUTE MAXIMUM RATINGS
Warning: Operation at or beyond these limit may result in permanent damage to the device. Normal operation is not guaranteed at these
extremes.
THERMAL DATA
Note: 1. In still air
PIN CONNECTIONS (Top views)
PIN FUNCTION (SO14/TSSOP14)
Symbol
Parameter
Value
Unit
VDD
VCC
Power supplies
Digital
Analog
-0.5 to +4.6
-0.5 to +4.6
V
V
Vaio
Analog Input and Output Voltage
-0.5 to (VCC+0.5)
V
Vdio
Digital Input and Output Voltage
-0.5 to (VDD+0.5)
V
Vdi5
Digital Input Voltage (5V tolerant)
-0.5 to 6.5
V
Tj
Operating Junction Temperature Range
-40 to 125
°C
Tstg
Storage Temperature
-55 to 150
°C
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal resistance junction to ambient (1)
85
°C/W
Pin Number
Pin Name
Input/Output Power
Description
1
N.C.
-
-
2
SDATA
I
I2S Digital Data Input
3
SCK
I
I2S Clock Input
4
N.C.
-
-
5
GND_DIG
P
Digital Ground
6
GND_ANA
P
Analog Ground
7
OUTSR
O
Right Channel single ended Output
8
OUTSL
O
Left Channel single ended Output
9
VCM
P
Reference 1.65V externally filtered
10
VDD_ANA
P
Analog 3.3V-Supply
11
N.C.
-
-
12
VDD_DIG
P
Digital 3.3V-Supply
13
FSYNC
I
I2S Left-Right Channel selector
14
RESETN
I
Reset (active low)
N.C.
SDATA
SCK
N.C.
GND_DIG
OUTSR
GND_ANA
OUTSL
VDD_ANA
VCM
N.C.
VDD_DIG
FSYNC
RESETN
1
3
2
4
5
6
7
12
11
10
9
8
13
14
D01AU1276A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com