Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7535 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7535
Description  DELTA/SIGMA CASCADE 20 BIT STEREO DAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7535 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7535 Datasheet HTML 1Page - STMicroelectronics TDA7535 Datasheet HTML 2Page - STMicroelectronics TDA7535 Datasheet HTML 3Page - STMicroelectronics TDA7535 Datasheet HTML 4Page - STMicroelectronics TDA7535 Datasheet HTML 5Page - STMicroelectronics TDA7535 Datasheet HTML 6Page - STMicroelectronics TDA7535 Datasheet HTML 7Page - STMicroelectronics TDA7535 Datasheet HTML 8Page - STMicroelectronics TDA7535 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
TDA7535
Figure 2. I2S Timings
(1)
SCK clock defines the Fs, being the Sample Rate. This input clock needs a jitter below ~212psRMS
(2) FSYNC switches inside the time window as specified w.r.t. to falling edge of SCK
Figure 3. Power Up & Reset Sequence
I2S bit clock (SCK) must be present 20ms before reset release to allow PLL locking.
Timing
Description
Minimum
Maximum
Unit
tsck
Clock Cycle(1)
1/(64*Fs) -
150psRMS
1/(64*Fs) +
150psRMS
ns
tsckpl
SCK Phase Low
0.5*tsck - 1%
0.5*tsck +1%
ns
tsckph
SCK Phase High
0.5*tsck - 1%
0.5*tsck +1%
ns
tlrw-
FSYNC switching time window before SCK falling edge(2)
0
0.125*tsck-10
ns
tlrw+
FSYNC switching time window after SCK falling edge(2)
0
0.125*tsck-10
ns
tsds
SDATA setup time
60
ns
tsdh
SDATA hold time
30
ns
tsckr
SCK rise time
1.5
ns
tsckf
SCK fall time
1.5
ns
tsck
tsckpl
tsds
tlrw-
tsckph
tlrw+
tsdh
Valid
FSYNC
SDATA
SCK
Valid
tsckf
tsckr
TRES
TRES
Min 50ms
VDD
RESET
D02AU1418



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com