Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7535 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7535
Description  DELTA/SIGMA CASCADE 20 BIT STEREO DAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7535 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7535 Datasheet HTML 1Page - STMicroelectronics TDA7535 Datasheet HTML 2Page - STMicroelectronics TDA7535 Datasheet HTML 3Page - STMicroelectronics TDA7535 Datasheet HTML 4Page - STMicroelectronics TDA7535 Datasheet HTML 5Page - STMicroelectronics TDA7535 Datasheet HTML 6Page - STMicroelectronics TDA7535 Datasheet HTML 7Page - STMicroelectronics TDA7535 Datasheet HTML 8Page - STMicroelectronics TDA7535 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
TDA7535
July 2003
s
20-bit resolution single ended output
s
Analog reconstruction third order Chebyshev filter
s
I2S input data format
s
On chip PLL
s
System clock: 64 Fs
s
2 output channels
s
0.9 VRMS single ended output dynamic
s
3.3V power supply
s
Reset
s
Sampling rate 36KHz to 48KHz
DESCRIPTION
The TDA7535 is a stereo, digital-to-analog converter
designed for audio application, including digital inter-
polation filter, a third order multibit Delta-Sigma DAC,
a third order Chebyshev's reconstruction filter and a
differential to single ended output converter. This de-
vice is fabricated in highly advanced CMOS, where
high speed precision analog circuits are combined
with high density logic circuits. The TDA7535, ac-
cording to standard audio converters, can accept any
I2S data format.
The TDA7535 is available in SO-14 and TSSOP-14
packages. The total power consumption is less than
75mW.
TDA7535 is suitable for a wide variety of applications
where high performance are required. Its low cost
and single 3.3V power supply make it ideal for sever-
al applications, such as CD players, MPEG audio,
MIDI applications, CD-ROM drives, CD-Interactive,
digital radio applications and so on. An evaluation
board is available to perform measurement and to
make listening tests.
TSSOP-14
SO-14
ORDERING NUMBER: TDA7535
DELTA/SIGMA CASCADE 20 BIT STEREO DAC
BLOCK DIAGRAM
FIR1
FIR2
ALU
S&H
I2S
I2S
PLL
CLKOUT
DIGITAL
INPUT 20
FIR3
20
4
Σ∆ MODULATOR
THERMO DECODER &
RANDOMIZER
3rd CHEBYSHEV
SC FILTER
DIFF TO SINGLE
CONVERTER
ANALOG
OUTPUT
FS
8FS
23
64FS
D02AU1417


Similar Part No. - TDA7535

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7535013TR STMICROELECTRONICS-TDA7535013TR Datasheet
157Kb / 12P
Delta/sigma cascade 20 bit stereo DAC
06-Feb-2009
TDA7535 STMICROELECTRONICS-TDA7535_06 Datasheet
128Kb / 9P
DELTA/SIGMA CASCADE 20 BIT STEREO DAC
Feb-2006
More results

Similar Description - TDA7535

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD75C TI-TLC320AD75C Datasheet
211Kb / 43P
20-Bit Sigma-Delta Stereo ADA Circuit
logo
Analog Devices
AD1857 AD-AD1857 Datasheet
263Kb / 16P
Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
logo
STMicroelectronics
TDA7535 STMICROELECTRONICS-TDA7535_06 Datasheet
128Kb / 9P
DELTA/SIGMA CASCADE 20 BIT STEREO DAC
Feb-2006
logo
Samsung semiconductor
BW0405XA SAMSUNG-BW0405XA Datasheet
159Kb / 14P
0.35關m 16-BIT 44.1KHZ SIGMA-DELTA STEREO DAC
logo
Texas Instruments
TLC320AD75 TI1-TLC320AD75 Datasheet
224Kb / 43P
20-Bit Sigma-Delta Stereo ADA Circuit
logo
STMicroelectronics
TDA7535013TR STMICROELECTRONICS-TDA7535013TR Datasheet
157Kb / 12P
Delta/sigma cascade 20 bit stereo DAC
06-Feb-2009
logo
Analog Devices
AD1852JRSZRL AD-AD1852JRSZRL Datasheet
515Kb / 20P
Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
REV. A
AD1852 AD-AD1852_15 Datasheet
501Kb / 20P
Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
REV. A
AD1858 AD-AD1858_15 Datasheet
266Kb / 16P
Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
logo
Core Technology (Shenzh...
CS1180 CHIPSEA-CS1180 Datasheet
757Kb / 30P
20-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com