Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7535 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7535
Description  DELTA/SIGMA CASCADE 20 BIT STEREO DAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7535 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7535 Datasheet HTML 1Page - STMicroelectronics TDA7535 Datasheet HTML 2Page - STMicroelectronics TDA7535 Datasheet HTML 3Page - STMicroelectronics TDA7535 Datasheet HTML 4Page - STMicroelectronics TDA7535 Datasheet HTML 5Page - STMicroelectronics TDA7535 Datasheet HTML 6Page - STMicroelectronics TDA7535 Datasheet HTML 7Page - STMicroelectronics TDA7535 Datasheet HTML 8Page - STMicroelectronics TDA7535 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
TDA7535
RECOMMENDED DC OPERATING CONDITIONS
POWER CONSUMPTION
GENERAL INTERFACE ELECTRICAL CHARACTERISTICS
Note: 1. The leakage currents are generally very small, <1nA. The value given here, 1mA, is the maximum that can occur after an Electro-
static Stress on the pin.
2. Human Body Model.
LOW VOLTAGE CMOS INTERFACE DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VDD
3.3V Digital Power Supply
Voltage
3.15
3.3
3.45
V
VCC
3.3V Analog Power Supply Voltage
3.15
3.3
3.45
V
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Idd
Total Maximum Current
power supply @ 3.3V and Tj = 125°C
21.5
25
mA
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
lil
Low Level Input Current without
pullup device
Vi = 0V (note 1)
1
µA
lih
High Level Input Current without
pullup device
Vi = Vdd (note 1)
1
µA
Ilatchup
I/O latch-up current
V < 0V, V > Vdd
200
mA
Vesd
Electrostatic Protection
Leakage , 1
µA (note 2)
2000
V
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vil
Low Level Input Voltage
0.2*Vdd
V
Vih
High Level Input Voltage
0.8*Vdd
V
Vhyst
Schmitt trigger hysteresis
0.8
V
DAC ELECTRICAL CHARACTERISTICS
Vdd = 3.3V; Tamb = 25°C; Input signal frequency = sinus wave generated by Audio Precision Sys.2; Input
Signal Amplitude = see notes; Noise Integration Bandwidth = 20Hz to 22KHz (A- weighted)
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Noise + Distortion
(see note 1)
@0dB
@-6dBb
@-40dB
@-60dB
89
94
96
96
dB
dB
dB
dB
Total Harmonic Distortion
see note 2
94
dB
Dynamic range
see note 3
96
dB
Crosstalk
see note 4
-95
dB
Full Scale Output Voltage
Vdd = 3.15 to 3.45V
Full scale input
0.8
0.9
1.0
Vrms
Input Sampling Rate
36
48
kHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com