Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7535 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7535
Description  DELTA/SIGMA CASCADE 20 BIT STEREO DAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7535 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7535 Datasheet HTML 1Page - STMicroelectronics TDA7535 Datasheet HTML 2Page - STMicroelectronics TDA7535 Datasheet HTML 3Page - STMicroelectronics TDA7535 Datasheet HTML 4Page - STMicroelectronics TDA7535 Datasheet HTML 5Page - STMicroelectronics TDA7535 Datasheet HTML 6Page - STMicroelectronics TDA7535 Datasheet HTML 7Page - STMicroelectronics TDA7535 Datasheet HTML 8Page - STMicroelectronics TDA7535 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TDA7535
4/9
Note1:
It is the ratio between the maximum input signal and the integration of the in-band noise after deducing the power of signal funda-
mental. It depends on the input signal amplitude. In this case 0dB means full scale digital, 1kHz frequency used.
Note 2:
It is the ratio of the rms value of the signal fundamental component at 0dB (full scale digital) to the rms value of all of the harmonic
components in the band.
Note 3:
measured using the SNR at -60dB input signal, with 60dB added to compensate for small input signal.
Note 4:
Left channel on with 0dB/1kHz input signal, Right channel on with DC input signal.
Figure 1. I2S interface Diagram
Passband Ripple
0.12
dB
Stopband
@ 3dB
@ 90dB
44.1kHz Sampling Rate
21.53
24.80
kHz
Interchannel Gain Mismatch
0.05
0.1
dB
DAC ELECTRICAL CHARACTERISTICS (continued)
Vdd = 3.3V; Tamb = 25°C; Input signal frequency = sinus wave generated by Audio Precision Sys.2; Input
Signal Amplitude = see notes; Noise Integration Bandwidth = 20Hz to 22KHz (A- weighted)
Parameter
Test Condition
Min.
Typ.
Max.
Unit
FSYNC
SDATA
SCK
32 * SCK
32 * SCK
20 Bits
MSB
LSB
20 Bits
MSB
LSB
Left
Right



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com