Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8213 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA8213
Description  VIDEO & SOUND IF SYSTEM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8213 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA8213 Datasheet HTML 1Page - STMicroelectronics TDA8213 Datasheet HTML 2Page - STMicroelectronics TDA8213 Datasheet HTML 3Page - STMicroelectronics TDA8213 Datasheet HTML 4Page - STMicroelectronics TDA8213 Datasheet HTML 5Page - STMicroelectronics TDA8213 Datasheet HTML 6Page - STMicroelectronics TDA8213 Datasheet HTML 7Page - STMicroelectronics TDA8213 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TDA8213
VIDEO & SOUND IF SYSTEM
October 1993
.
VERY LOW CURRENT ABSORPTION
.
3 STAGE IF GAIN CONTROLLED AMPLIFIER
.
SYNCHRONOUS VIDEO DEMODULATOR
.
WHITE SPOT AND NOISE INVERTER
.
AGC CIRCUIT WITH NOISE GATING
.
TUNER AGC OUTPUT FOR PNP TUNERS
.
FM DETECTOR
.
AF AMPLIFIER WITH DC VOLUME CON-
TROL
.
AFC
.
2VPP ON VIDEO OUTPUT
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TUNER DELAY RESISTOR
TUNER OUTPUT CURRENT
NOT TO BE CONNECTED
IF INPUT
IF INPUT
GROUND
AUDIO OUTPUT
SOUND VOLUME CONTROL
FM TANK LC
AGC MEMORY CAPACITOR
IF LC
IF LC
VIDEO PEAKING
AFC TANK LC
AFC OUTPUT
CVBS OUTPUT
NOT TO BE CONNECTED
2nd IF SOUND CHANNEL INPUT
2nd IF SOUND CHANNEL INPUT
VCC
PIN CONNECTIONS
DIP20
(Plastic Package)
ORDER CODE : TDA8213
DESCRIPTION
The TDA8213 is a monolithic integrated circuit in
DIP20 package for colour and black & white televi-
sion receivers using PNP tuners. It is intended to
operate with a negatively modulated vision carrier
and frequency modulated sound carrier. Used with
TDA8214/15 (H/V deflection circuit) and TDA8217
(Pal decoder and video processor), this IC permits
a complete low-cost solution for PAL applications.
1/8


Similar Part No. - TDA8213

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8214 STMICROELECTRONICS-TDA8214 Datasheet
160Kb / 9P
HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
Sep-1993
TDA8214B STMICROELECTRONICS-TDA8214B Datasheet
160Kb / 9P
HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
Sep-1993
TDA8215B STMICROELECTRONICS-TDA8215B Datasheet
145Kb / 9P
HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
Sep-1993
TDA8217 STMICROELECTRONICS-TDA8217 Datasheet
88Kb / 9P
PAL DECODER AND VIDEO PROCESSOR
Apr-1996
TDA8218 STMICROELECTRONICS-TDA8218 Datasheet
120Kb / 9P
HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
Sep-1993
More results

Similar Description - TDA8213

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1570 NTE-NTE1570 Datasheet
36Kb / 5P
Integrated Circuit TV Video IF, Sound IF
logo
STMicroelectronics
STV8211 STMICROELECTRONICS-STV8211 Datasheet
113Kb / 8P
VIDEO & SOUND IF SYSTEM
Aug-1994
STV8223B STMICROELECTRONICS-STV8223B Datasheet
112Kb / 10P
MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
Jan-1997
STV8224B STMICROELECTRONICS-STV8224B Datasheet
134Kb / 12P
MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
Jan-1997
TDA8222 STMICROELECTRONICS-TDA8222 Datasheet
159Kb / 9P
VIDEO & SOUND IF SYSTEM WITH VIDEO AND SOUND SWITCHES
Oct-1993
STV8224A STMICROELECTRONICS-STV8224A Datasheet
145Kb / 12P
MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
May-1995
TDA440S STMICROELECTRONICS-TDA440S Datasheet
266Kb / 7P
TV VIDEO IF SYSTEM
logo
Sanyo Semicon Device
TSB6326C SANYO-TSB6326C Datasheet
275Kb / 1P
IF Filter for Video and Sound
logo
STMicroelectronics
STV8223A STMICROELECTRONICS-STV8223A Datasheet
119Kb / 10P
MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
May-1995
TDA8120B STMICROELECTRONICS-TDA8120B Datasheet
200Kb / 6P
MULTISTANDARD VIDEO AND SOUND IF SYSTEM
Oct-1993
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com