Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8213 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA8213
Description  VIDEO & SOUND IF SYSTEM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8213 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA8213 Datasheet HTML 1Page - STMicroelectronics TDA8213 Datasheet HTML 2Page - STMicroelectronics TDA8213 Datasheet HTML 3Page - STMicroelectronics TDA8213 Datasheet HTML 4Page - STMicroelectronics TDA8213 Datasheet HTML 5Page - STMicroelectronics TDA8213 Datasheet HTML 6Page - STMicroelectronics TDA8213 Datasheet HTML 7Page - STMicroelectronics TDA8213 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1
2
5
6
3
8
910
7
11
12
15
16
19
20
14
I tuner
Out
I.F. Input
Vcc
9V
I.F. Input
Audio
Output
5.5 MHz
5.5 MHz
CVBS Output
AFC
Output
38.9 MHz
38.9 MHz
RTD
TUNER
DELAY
Volume
Control
F.M.
DISCR.
Video
Amplif.
A.G.C.
WHITE & NOISE
SPOT INVERTER
Band Gap reference
Vo ltage
3 I.F. AMPLIF.
L.P.F.
4 STA GE LIMITER
A.F.C.
REFERENCE
AMPL IFIER
17
VIDEO
peaking
18
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply voltage
13.5
V
VX
Tuner AGC voltage
VS
V
P
Power dissipation at TAMB =70
oC
880
mW
TSTG
Storage temperature range
- 40, + 150
oC
THERMAL DATA
Symbol
Parameter
Value
Unit
RTH(j-a)
Junction-ambient thermal resistance
Max.
80
oC/W
ELECTRICAL CHARACTERISTICS
(Tamb =25
oC, VCC = 9V, IF input = 10mVRMS top sync, D = 90%, Video BW = 5MHz,
Sound carrier input : 5.5MHz, 10mVRMS,fm = 1kHz, Audio BW = 20kHz,
∆f= ± 25kHz,
Volume attenuation = 0dB, unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
SUPPLY
Supply voltage
8
9
12.8
V
Supply current
14
20
28
mA
TDA8213
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com