Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8213 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA8213
Description  VIDEO & SOUND IF SYSTEM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8213 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA8213 Datasheet HTML 1Page - STMicroelectronics TDA8213 Datasheet HTML 2Page - STMicroelectronics TDA8213 Datasheet HTML 3Page - STMicroelectronics TDA8213 Datasheet HTML 4Page - STMicroelectronics TDA8213 Datasheet HTML 5Page - STMicroelectronics TDA8213 Datasheet HTML 6Page - STMicroelectronics TDA8213 Datasheet HTML 7Page - STMicroelectronics TDA8213 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS
(Tamb =25
oC, VCC = 9V, IF input = 10mVRMS top sync, D = 90%, Video BW = 5MHz,
Sound carrier input : 5.5MHz, 10mVRMS,fm = 1kHz, Audio BW = 20kHz,
∆f= ± 25kHz,
Volume attenuation = 0dB, unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ. Max.
Unit
IF AMPLIFIER
AGC range
58
64
67
dB
IF - sensitivity (RMS)
Video out -3dB
70
µV
R input differential
Guaranteed by process
1
1.5
2
k
Ω
C input Stray
2pF
DEMODULATED VIDEO OUTPUT
S/N video (BW = 5MHz)
IF inp. = 10mVRMS , 20 log10
(WH − BL)
NRMS
49
55
dB
Intermodulation 1.07MHz
AGC open loop, Picture carrier = 0dB,
Chrominance carrier = -3.2dB,
Sound carrier = -20dB
50
dB
Detected video output peak to
peak (positive)
1.8
2
2.4
V
Top synchro output level
1.9
V
Video Bandwidth with output filter
-3dB, see Figures 1 and 2
7
MHz
Differential phase
3
7
Degree
Differential gain
37
%
White noise clamp
Referred to the video output
see Figure 6
4.5
V
White noise insertion
3.2
V
Video output current capability
1.2
2
2.6
mA
Residual output carrier (RMS)
At 38.9MHz
At 77.8MHz
10
20
mV
mV
AFC
AFC slope
With RLoad = 200k
Ω, see Figure 3
25
40
60
mV/kHz
AGC CIRCUIT
Maximum I charge
550
900
1200
µA
Maximum I discharge
14
20
26
µA
ICH / IDISCH Ratio
45
-
TUNER AGC
Sinked Current
Suitable for Mosfet-NCH
1.15
2
2.6
mA
Slope
RTD = 0
÷ 10kΩ
600
µA/dB
DEMODULATED AUDIO OUTPUT
Detected output audio signal (RMS)
120
270
350
mV
Total harmonic distorsion
0.5
2
%
Amplitude modulation rejection
m = 30%
40
53
dB
2nd IF sound sensitivity -3dB FM
detected audio signal (RMS)
200
µV
S
+ N
N
∆f= ± 25kHz for signal
∆f= 0 after deemphasis (BW = 20kHz)l
50
60
dB
Thermal drift of volume
0.05
dB
oC
Input resistance limiter
400
560
720
Ω
Volume Control versus V9
See Figure 4
V9 = 4.5V
V9 = 2.5V
V9 = 0.9V
12
65
0
18
74
24
dB
dB
dB
TDA8213
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com