Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8213 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA8213
Description  VIDEO & SOUND IF SYSTEM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8213 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA8213 Datasheet HTML 1Page - STMicroelectronics TDA8213 Datasheet HTML 2Page - STMicroelectronics TDA8213 Datasheet HTML 3Page - STMicroelectronics TDA8213 Datasheet HTML 4Page - STMicroelectronics TDA8213 Datasheet HTML 5Page - STMicroelectronics TDA8213 Datasheet HTML 6Page - STMicroelectronics TDA8213 Datasheet HTML 7Page - STMicroelectronics TDA8213 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
VIF
Input
38.9 MHz
M = 100 %
R = 10 %
AMDSB
10 nF
L
I
FM Input
Video
Out 2
Video
Out 1
E
F
D
AFC
Out
9V
SW1
B
V1TUN
C
IoT
A
9VDC
4
4
6.2 Vz
9V
AUDIO
SIGNAL
WITHOUT
DEEMPHASIS
Volume
control
5
6
7
8
9
10
11
12
14
15
16
18
19
20
1
2
3
200
Ω
AUDIO OUTPUT
WITH DEEMPHASIS
33nF
47nF
100pF
17
27pF
4.7
µH
100nF
100nF
50
Ω
470nF
100k
Ω
47pF
100k
Ω
10nF
38.9 MHz
Q=80
100nF
47pF
Q=80
38.9MHz
180
Ω
220
Ω
2.2k
Ω
1.8k
Ω
1
µF
10k
Ω
100
Ω
100nF
10
µF
10
µH
10nF
TDA 8213
5.5MHz
Q> 40
TEST CIRCUIT
0
-15
02
46
8
10
F (MHz)
OUT
V
(dB)
-3
-9
-6
-12
Figure 1 : Output Signal Bandwidth without
Video peaking
0
-15
024
68
10
F (MHz)
OUT
V
(dB)
-3
-12
-9
-6
Figure 2 : Output Signal Bandwidth with Video
peaking
TDA8213
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com