Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8213 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA8213
Description  VIDEO & SOUND IF SYSTEM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8213 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA8213 Datasheet HTML 1Page - STMicroelectronics TDA8213 Datasheet HTML 2Page - STMicroelectronics TDA8213 Datasheet HTML 3Page - STMicroelectronics TDA8213 Datasheet HTML 4Page - STMicroelectronics TDA8213 Datasheet HTML 5Page - STMicroelectronics TDA8213 Datasheet HTML 6Page - STMicroelectronics TDA8213 Datasheet HTML 7Page - STMicroelectronics TDA8213 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IF FREQUENCY
(MHz)
AFC OUTPUT
VOLTAGE (V)
38.5
39.3
38.7
38.9
39.1
0
2
4
6
8
Figure 3 : AFC Voltage versus Input Frequency
ATTENUATION
(V)
1
234
5
0
-20
-40
-60
-80
-100
V
(V)
9
Figure 4 : Volume Control Attenuation versus
Voltage in Pin 9
C
Processor
Pushpull
Output
9
TDA8213
80 k
Ω
10k
Ω
ST63XX
Figure 5 : Typical Connection from
µP to TDA8213 for Remote Volume Control (Pin 9)
4.5
3.9
3.2
2.5
1.9
1.3
t( s)
µ
14
V
(V)
White spike noise clamp
Top white
White noise level insertion
Noise level insertion
Top synchronization
Black spikes noise clamp
Figure 6 : Black and White Noise Inverter
TDA8213
5/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com