Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9109A Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA9109A
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA9109A Datasheet HTML 9Page - STMicroelectronics TDA9109A Datasheet HTML 10Page - STMicroelectronics TDA9109A Datasheet HTML 11Page - STMicroelectronics TDA9109A Datasheet HTML 12Page - STMicroelectronics TDA9109A Datasheet HTML 13Page - STMicroelectronics TDA9109A Datasheet HTML 14Page - STMicroelectronics TDA9109A Datasheet HTML 15Page - STMicroelectronics TDA9109A Datasheet HTML 16Page - STMicroelectronics TDA9109A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
TDA9109A
13/47
VERTICAL SECTION
Operating Conditions
Electrical Characteristics (VCC = 12V, Tamb =25°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
OUTPUTS SECTION
RLOAD
Minimum Load for less than 1% Verti-
cal Amplitude Drift
Pin 20
65
M
Ω
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VERTICAL RAMP SECTION
VRB
Voltage at Ramp Bottom Point
Pin 22
2.1
V
VRT
Voltage at Ramp Top Point (with Sync)
Pin 22
5.1
V
VRTF
Voltage at Ramp Top Point (without
Sync)
Pin 22
VRT-
0.1
V
VSTD
Vertical Sawtooth Discharge Time
Pin 22, C22 = 150nF
70
µs
VFRF
Vertical Free Running Frequency
(See 11)
C22 = 150nF
100
Hz
ASFR
AUTO-SYNC Frequency (See 12)C22 = 150nF ±5%
50
185
Hz
RAFD
Ramp Amplitude Drift Versus
Frequency at Maximum Vertical
Amplitude (see 10)
C22 = 150nF
50Hz< f < 185Hz
200
ppm/
Hz
Rlin
Ramp Linearity on Pin 22 (See 11)
2.5V < V27 < 4.5V
0.5
%
VPOS
Vertical Position Adjustment Voltage
(Pin 23 - VOUT mean value)
Sub Address 06
Byte 00000000
Byte 01000000
Byte 01111111
3.2
3.6
4.0
V
V
V
VOR
Vertical Output Voltage
(peak-to-peak on Pin 23)
Sub Address 05
Byte 10000000
Byte 11000000
Byte 11111111
2.15
3.0
3.9
V
V
V
VOI
Vertical Output Maximum Current
(Pin 23)
±5mA
dVS
Max Vertical S-Correction Amplitude
(See 13)
0xxxxxxx inhibits S-CORR
11111111 gives max S-CORR
Sub Address 07
Byte 11111111
∆V/V
PP at TV/4
∆V/V
PP at 3TV/4
-3.5
3.5
%
%
Ccorr
Vertical C-Corr Amplitude
0xxxxxxx inhibits C-CORR
Sub Address 08
∆V/V
PP at TV/2
Byte 10000000
Byte 11000000
Byte 11111111
-3
0
3
%
%
%
VMOIRE
Vertical Moiré
Sub Address 0C
Byte 01X11111
6mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com