Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9109A Datasheet(PDF) 35 Page - STMicroelectronics

Part # TDA9109A
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109A Datasheet(HTML) 35 Page - STMicroelectronics

Back Button TDA9109A Datasheet HTML 31Page - STMicroelectronics TDA9109A Datasheet HTML 32Page - STMicroelectronics TDA9109A Datasheet HTML 33Page - STMicroelectronics TDA9109A Datasheet HTML 34Page - STMicroelectronics TDA9109A Datasheet HTML 35Page - STMicroelectronics TDA9109A Datasheet HTML 36Page - STMicroelectronics TDA9109A Datasheet HTML 37Page - STMicroelectronics TDA9109A Datasheet HTML 38Page - STMicroelectronics TDA9109A Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
TDA9109A
35/47
Figure 16. AGC Loop Block Diagram
3.4 Basic Equations
In first approximation, the amplitude of the ramp
on Pin 23 (VOUT) is:
VOUT - VPOS = (VOSC -VDCMID)
. (1 + 0.3 (V
AMP))
where:
VDCMID = 7/16 VREF (middle value of the ramp on
Pin 22, typically 3.6V)
VOSC =V22 (ramp with fixed amplitude)
VAMP = -1 for minimum vertical amplitude register
value and +1 for maximum
VPOS is calculated by:
VPOS = VDCMID + 0.4 VP
where VP = -1 for minimum vertical position regis-
ter value and +1 for maximum.
The current available on Pin 22 is:
IOSC =
. V
REF
. C
OSC
. f
where COSC = capacitor connected on Pin 22 and
f = synchronization frequency.
Geometric Corrections
The principle is represented in Figure 17.
Starting from the vertical ramp, a parabola-shaped
current is generated for E/W correction (also
known as Pin Cushion correction), dynamic hori-
zontal phase control correction, and vertical dy-
namic focus correction.
The parabola generator is made by an analog mul-
tiplier, the output current of which is equal to:
∆I= k . (VOUT - VDCMID)
2
where VOUT is the vertical output ramp (typically
between 2 and 5V) and VDCMID is 3.6V
(for VREF-V = 8.2V). The VOUT sawtooth is typical-
ly centered on 3.6V. By changing the vertical posi-
tion, the sawtooth shifts by
±0.4V.
To provide good screen geometry for any end user
adjustment, the TDA9109A has the “geometry
tracking” feature which allows generation of a dis-
symetric parabola depending on the vertical posi-
tion.
Due to the large output stage voltage range (E/W
Pin Cushion, Keystone, E/W Corner), the combi-
nation of the tracking function, maximum vertical
amplitude, maximum or minimum vertical position
and maximum gain on the DAC control may lead
to output stage saturation. This must be avoided
by limiting the output voltage with appropriate I
2C
register values.
VSYNCIN 2
Synchro
Polarity
Oscillator
Discharge.
22
OSC
CAP
Sampling
Sampling
Capacitance
S Correction
VS Amp
sub-add 07/7bits
Cor_C
sub-add 08/7bits
C Correction
18 BREATH
23 VOut
Vert. Amp
sub-.05/7bits
VMoiré
sub.0C/7bits
V Position
sub.06/7bits
Vlow
sawth
.
disch.
REF
Charge Current
Transconductance Amplifier
3
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com