Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9109A Datasheet(PDF) 32 Page - STMicroelectronics

Part # TDA9109A
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109A Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TDA9109A Datasheet HTML 28Page - STMicroelectronics TDA9109A Datasheet HTML 29Page - STMicroelectronics TDA9109A Datasheet HTML 30Page - STMicroelectronics TDA9109A Datasheet HTML 31Page - STMicroelectronics TDA9109A Datasheet HTML 32Page - STMicroelectronics TDA9109A Datasheet HTML 33Page - STMicroelectronics TDA9109A Datasheet HTML 34Page - STMicroelectronics TDA9109A Datasheet HTML 35Page - STMicroelectronics TDA9109A Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
TDA9109A
32/47
2.4 Output Section
The H-drive signal is sent to the output through a
shaping stage which also controls the H-drive duty
cycle (I2C adjustable) (see Figure 11). In order to
secure the scanning power part operation, the out-
put is inhibited in the following cases:
• when V
CC or VDD are too low
• when the XRAY protection is activated
• during the Horizontal flyback
• when the HDrive I2C bit control is off
The output stage consists of a NPN bipolar tran-
sistor. Only the collector is accessible
(see Figure 13).
Figure 13.
This output stage is intended for “reverse” base
control, where setting the output NPN in off-state
will control the power scanning transistor in off-
state.
The maximum output current is 30mA, and the
corresponding voltage drop of the output VCEsat is
0.4V Max.
Obviously the power scanning transistor cannot be
directly driven by the integrated circuit. An inter-
face has to be added between the circuit and the
power transistor either of bipolar or MOS type.
2.5 X-RAY Protection
The X-Ray protection is activated by application of
a high level on the X-Ray input (8.2V on Pin 25). It
inhibits the H-Drive and B+ outputs.
This activation is internally delayed by 2 lines to
avoid erratic detection (short parasitics).
This protection is latched; it may be reset either by
VCC switch off or by I
2C (see Figure 14).
Figure 14. Safety Functions Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com