Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9109A Datasheet(PDF) 38 Page - STMicroelectronics

Part # TDA9109A
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109A Datasheet(HTML) 38 Page - STMicroelectronics

Back Button TDA9109A Datasheet HTML 34Page - STMicroelectronics TDA9109A Datasheet HTML 35Page - STMicroelectronics TDA9109A Datasheet HTML 36Page - STMicroelectronics TDA9109A Datasheet HTML 37Page - STMicroelectronics TDA9109A Datasheet HTML 38Page - STMicroelectronics TDA9109A Datasheet HTML 39Page - STMicroelectronics TDA9109A Datasheet HTML 40Page - STMicroelectronics TDA9109A Datasheet HTML 41Page - STMicroelectronics TDA9109A Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
TDA9109A
38/47
Figure 18. DC/DC Convertor
I2C
DAC
7bits
6.2V
5V
±20%
85dB
A
inhibit
Soft
start
Σ
1/3
1.3V
1.3V
C2
C3
8V
6V
C4
down
up
HDF Disc
400ns
S
R
Q
inhibit
down
up
BOUT
12V
TDA9109A
REGIN
COMP
15
14
16
22k
Ω
1M
Ω
EHV
Feedback
VB+
L
Command step-up/down
ISENSE
28
C1
-
+
Horizontal Dynamic
Focus Sawtooth
±I
adjust



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com