Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9109A Datasheet(PDF) 29 Page - STMicroelectronics

Part # TDA9109A
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109A Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TDA9109A Datasheet HTML 25Page - STMicroelectronics TDA9109A Datasheet HTML 26Page - STMicroelectronics TDA9109A Datasheet HTML 27Page - STMicroelectronics TDA9109A Datasheet HTML 28Page - STMicroelectronics TDA9109A Datasheet HTML 29Page - STMicroelectronics TDA9109A Datasheet HTML 30Page - STMicroelectronics TDA9109A Datasheet HTML 31Page - STMicroelectronics TDA9109A Datasheet HTML 32Page - STMicroelectronics TDA9109A Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
TDA9109A
29/47
Figure 5.
Figure 6.
The last feature performed is the removal of equal-
ization pulses to avoid parasitic pulses on the
phase comparator (which would be disturbed by
missing or extraneous pulses). This last feature is
switched on/off by sub-address 0F D8. By default
[0], equalization pulses will not be removed.
2.2 PLL1
The PLL1 consists of a phase comparator, an ex-
ternal filter and a voltage-controlled oscillator
(VCO).The phase comparator is a “phase frequen-
cy” type designed in CMOS technology. This kind
of phase detector avoids locking on wrong fre-
quencies. It is followed by a “charge pump”, com-
posed of two current sources : sunk and sourced
(typically I =1 mA when locked and I = 140
µA
when unlocked). This difference between lock/un-
lock allows smooth catching of the horizontal fre-
quency by PLL1. This effect is reinforced by an in-
ternal original slow down system when PLL1 is
locked, avoiding the horizontal frequency chang-
ing too quickly. The dynamic behavior of PLL1 is
fixed by an external filter which integrates the cur-
rent of the charge pump. A “CRC” filter is generally
used (see Figure 7)
Figure 7.
Ω
7
4.7
µF
PLL1F
10nF
1.8k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com