Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61316SP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M61316SP
Description  l2C BUS Controlled Video Pre-amp for High Resolution Color Display
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61316SP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M61316SP Datasheet HTML 4Page - Renesas Technology Corp M61316SP Datasheet HTML 5Page - Renesas Technology Corp M61316SP Datasheet HTML 6Page - Renesas Technology Corp M61316SP Datasheet HTML 7Page - Renesas Technology Corp M61316SP Datasheet HTML 8Page - Renesas Technology Corp M61316SP Datasheet HTML 9Page - Renesas Technology Corp M61316SP Datasheet HTML 10Page - Renesas Technology Corp M61316SP Datasheet HTML 11Page - Renesas Technology Corp M61316SP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
M61311SP/M61316SP
REJ03F0199-0201 Rev.2.01 Mar 31, 2008
Page 8 of 26
Electrical Characteristics (cont.)
Min.
Limits
Input
CTL
Vol
BUS CTL (H)
Typ. Max. Unit
31
ABL
(V)
32
BRT
(V)
00H
Main
cont
FF
255
FF
255
FF
255
FF
255
6F
111
00
0
FF
255
FF
255
FF
255
FF
255
6F
111
00
0
FF
255
FF
255
FF
255
FF
255
7F
127
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
7F
127
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
40
64
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
00
0
00
0
00
0
00
0
00
0
00
0
00
0
00
0
00
0
00
0
00
0
00
0
FF
255
FF
255
00
0
0F
15
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
08
8
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
vari
able
vari
able
vari
able
vari
able
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
40
64
00
0
FF
255
FF
255
FF
255
FF
255
01H
Sub
R
cont
02H
Sub
G
cont
03H
Sub
B
cont
04H
OSD
Adj
05H
Re-
BLK
Adj
07H
D/A
OUT
1
08H
D/A
OUT
2
09H
D/A
OUT
3
0AH
D/A
OUT
4
06H
Sharp
ness
SonG
SW
VDET
SW
3
12 V
Vcc
2
R
IN
4
G
IN
7
B
IN
12
OSD
BLK
13
OSD
R
IN
14
OSD
G
IN
15
OSD
B
IN
17
RET
BLK
18
CP
IN
5
SonG
IN
OSD pulse
characteristics1
OSD adjust control
characteristics1 (Max.)
OSD adjust control
relative characteristics1
OSD adjust control
characteristics2 (Typ.)
OSD adjust control
relative characteristics2
OSD adjust control
characteristics3 (Min.)
OSD adjust control
relative characteristics3
OSD input
threshold voltage
Black level difference
in OSD BLK on/off
Relative OBLK
OSD pulse
characteristics2
OSD BLK input
threshold voltage
Retrace BLK
characteristics1
Retrace BLK
characteristics2
Retrace BLK
characteristics3
Retrace BLK input
threshold voltage
SOG input maximum
noise voltage
SOG minimum input
voltage
Sync output high level
Sync output delay time1
Sync output delay time2
Sync output low level
V-DET input maximum
noise voltage
V-DET minimum input
voltage
V-DET output high level
V-DET output
delay time1
V-DET output
delay time2
V-DET output low level
D/A output
minimum voltage
D/A OUT input current1
D/A OUT input current2
D/A nonlinearity
D/A OUT output
current
D/A output
maximum voltage
Item
Symbol
OTr
OTf
Oadj1
∆Oadj1
Oadj2
∆Oadj2
Oadj3
∆Oadj3
VthOSD
OBLK
∆OBLK
VthBLK
HBLK1
HBLK2
HBLK3
Vth-
HBLK
SS-NV
SS-SV
VSH
VSL
TDS-F
TDS-R
VD-NV
VD-SV
VVDH
VVDL
TDV-F
TDV-R
VDH
VDL
IA
+1
IA
+2
DNL
IA
−
3.3
0.8
1.2
0.8
−0.5
−0.2
1.7
−0.5
−0.2
1.7
1.6
1.0
0.3
0.7
0.2
4.5
0
10
10
0.2
3.8
0
10
1
4.7
0
0.18
0.18
−1.0
2
4
4.0
1.0
1.8
1.0
−0.1
0
2.5
−1.0
0
2.5
1.9
1.3
0.6
1.5
4.9
0.4
30
30
4.2
0.7
23
13
5.2
0
5
7
4.9
1.2
2.4
1.2
0.3
0.2
3.3
0.3
0.2
3.3
2.2
1.6
0.9
2.3
0.02
5.0
0.7
65
65
0.05
5.0
1.1
50
40
5.7
0.5
0.4
1.0
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
a
a
a
a
a
a
a
a
b
a
a
a
a
a
a
a
a
a
a
b
b
b
b
b
b
a
a
a
a
a
a
a
a
a
a
a
a
a
a
b
a
a
a
a
a
a
a
a
a
a
b
b
b
b
b
b
a
a
a
a
a
a
a
a
a
a
a
a
a
a
b
a
a
a
a
a
a
a
a
a
a
b
b
b
b
b
b
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
b
b
b
b
b
b
a
a
a
a
a
a
a
a
a
a
a
a
a
a
b
b
b
a
b
b
b
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
b
b
b
b
b
b
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
b
b
b
b
b
b
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
b
b
b
b
b
b
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
b
b
b
b
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
ns
ns
VP-P
VP-P
VP-P
VDC
VDC
VDC
VDC
VDC
VDC
VDC
VP-P
VP-P
VDC
VDC
ns
ns
VP-P
VP-P
VDC
VDC
ns
ns
VDC
VDC
mA
mA
mA
LSB
Test
Point
26, 28,
30
26, 28,
30
26, 28,
30
26, 28,
30
26, 28,
30
26, 28,
30
26, 28,
30
26, 28,
30
26, 28,
30
26, 28,
30
26, 28,
30
26, 28,
30
26, 28,
30
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
9
9
9
9
9
9
10
10
10
10
10
10
21, 22,
23, 24
21, 22,
23, 24
21, 22,
23, 24
21, 22,
23, 24
21, 22,
23, 24
21, 22,
23, 24
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com