Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61316SP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M61316SP
Description  l2C BUS Controlled Video Pre-amp for High Resolution Color Display
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61316SP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M61316SP Datasheet HTML 1Page - Renesas Technology Corp M61316SP Datasheet HTML 2Page - Renesas Technology Corp M61316SP Datasheet HTML 3Page - Renesas Technology Corp M61316SP Datasheet HTML 4Page - Renesas Technology Corp M61316SP Datasheet HTML 5Page - Renesas Technology Corp M61316SP Datasheet HTML 6Page - Renesas Technology Corp M61316SP Datasheet HTML 7Page - Renesas Technology Corp M61316SP Datasheet HTML 8Page - Renesas Technology Corp M61316SP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
M61311SP/M61316SP
REJ03F0199-0201 Rev.2.01 Mar 31, 2008
Page 3 of 26
Pin Arrangement
GND
R IN
VCC1 (12 V)
G IN
SonG IN
GND1 (12 V)
B IN
GND2
Sync Sepa OUT
Video Det OUT
VCC3 (5 V)
OSD BLK IN
OSD R IN
OSD G IN
OSD B IN
GND3
BRIGHT
ABL IN
R OUT
VCC2 (12 V)
G OUT
GND4
B OUT
NC (GND)
D/A OUT4
D/A OUT3
D/A OUT2
D/A OUT1
SCL
SDA
Clamp Pulse IN
Retrace BLK IN
M61311SP/M61316SP
(Top view)
Outline: PRDP0032BA-A (32P4B)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
NC: No connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com