Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61316SP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M61316SP
Description  l2C BUS Controlled Video Pre-amp for High Resolution Color Display
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61316SP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M61316SP Datasheet HTML 9Page - Renesas Technology Corp M61316SP Datasheet HTML 10Page - Renesas Technology Corp M61316SP Datasheet HTML 11Page - Renesas Technology Corp M61316SP Datasheet HTML 12Page - Renesas Technology Corp M61316SP Datasheet HTML 13Page - Renesas Technology Corp M61316SP Datasheet HTML 14Page - Renesas Technology Corp M61316SP Datasheet HTML 15Page - Renesas Technology Corp M61316SP Datasheet HTML 16Page - Renesas Technology Corp M61316SP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
M61311SP/M61316SP
REJ03F0199-0201 Rev.2.01 Mar 31, 2008
Page 13 of 26
OTr OSD Pulse Characteristics1
Measure the time needed for the output pulse to rise from 10% to 90% (OTr) with an active probe.
OTf OSD Pulse Characteristics2
Measure the time needed for the output pulse to fall from 90% to 10% (OTf) with an active probe.
Oadj1 OSD Adjust Control Characteristics1 (Max.)
Measure the amplitude output at OUT (26, 28, 30). The amplitude is called VOUT (26, 28, 30).
The measured value is called Oadj1.
∆Oadj1 OSD Adjust Control Relative Characteristics1
Relative characteristics
∆Oadj1 is calculated by the equation below:
∆Oadj1 = VOUT (26) / VOUT (28),
VOUT (28) / VOUT (30),
VOUT (30) / VOUT (26)
Oadj2 OSD Adjust Control Characteristics2 (Typ.)
Measuring condition and procedure are the same as described in Oadj1.
∆Oadj2 OSD Adjust Control Relative Characteristics2
Measuring condition and procedure are the same as described in
∆Oadj1.
Oadj3 OSD Adjust Control Characteristics3 (Min.)
Measuring condition and procedure are the same as described in Oadj1.
∆Oadj3 OSD Adjust Control Relative Characteristics3
Relative characteristics
∆Oadj3 is calculated by the equation below:
∆Oadj3 = VOUT (26) − VOUT (28),
VOUT (28)
− VOUT (30),
VOUT (30)
− VOUT (26)
VthOSD OSD Input Threshold Voltage
Decrease the SG6 input level gradually from 5.0 VP-P, monitoring the output. Measure the top level of SG6 when the
output is disappeared. And increase the SG6 input level gradually from 0 VP-P. Measure the top level of SG6 when the
output is appeared. The measured value is called VthOSD.
OBLK Black Level Difference in OSD BLK on/off
Calculating the black level voltage minus the output voltage of high section of SG6 it makes VOUT (26, 28, 30). The
calculated value is called OBLK.
∆OBLK Relative OBLK
Relative characteristics
∆OBLK is calculated by the equation below:
∆OBLK = VOUT (26) − VOUT (28),
VOUT (28)
− VOUT (30),
VOUT (30)
− VOUT (26)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com