Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61316SP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M61316SP
Description  l2C BUS Controlled Video Pre-amp for High Resolution Color Display
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61316SP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M61316SP Datasheet HTML 17Page - Renesas Technology Corp M61316SP Datasheet HTML 18Page - Renesas Technology Corp M61316SP Datasheet HTML 19Page - Renesas Technology Corp M61316SP Datasheet HTML 20Page - Renesas Technology Corp M61316SP Datasheet HTML 21Page - Renesas Technology Corp M61316SP Datasheet HTML 22Page - Renesas Technology Corp M61316SP Datasheet HTML 23Page - Renesas Technology Corp M61316SP Datasheet HTML 24Page - Renesas Technology Corp M61316SP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
M61311SP/M61316SP
REJ03F0199-0201 Rev.2.01 Mar 31, 2008
Page 21 of 26
Pin Description (cont.)
Pin No.
Name
DC Voltage (V)
Peripheral Circuit
Function
20
SCL
20
2 k
3.0 V
12 V
SCL of I
2C BUS
(Serial clock line)
Tth = 2.3 V
21
22
23
24
D/A OUT 1
D/A OUT 2
D/A OUT 3
D/A OUT 4
15 k
12 V
D/A output pin.
Output voltage range is 0 V to
5 V.
Input current is below 0.18 mA.
Output current is below 0.4 mA.
26
28
30
B OUT
G OUT
R OUT
Variable
This terminal needs to connect
the 1 to 3 k
Ω resister between
GND.
This resistance value may be
changed, to improve the video
output characteristics.
27
GND 4
Connect to GND
29
VCC2
(12 V)
12
50
35
27
29
It is the power supply of emitter
follower of RGB output exclusive
use.
31
ABL IN
When open
2.5 V
5 V
6 k
9 k
2.5 k
0.4 mA
2 k
5 k
16.25 k
31
ABL (Automatic beam limiter)
input pin.
Input voltage in the ranges of
0 V to 5 V.
Output amplitude Max with 5 V.
Output amplitude Min with 0 V.
When it does not use this
function, connect to 5 V.
32
BRIGHT
35 k
35 k
To other
channel
12 V
32
It is recommended that the IC is
used between pedestal voltage
2 V to 3 V.
25
NC
Connect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com