Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61316SP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M61316SP
Description  l2C BUS Controlled Video Pre-amp for High Resolution Color Display
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61316SP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M61316SP Datasheet HTML 1Page - Renesas Technology Corp M61316SP Datasheet HTML 2Page - Renesas Technology Corp M61316SP Datasheet HTML 3Page - Renesas Technology Corp M61316SP Datasheet HTML 4Page - Renesas Technology Corp M61316SP Datasheet HTML 5Page - Renesas Technology Corp M61316SP Datasheet HTML 6Page - Renesas Technology Corp M61316SP Datasheet HTML 7Page - Renesas Technology Corp M61316SP Datasheet HTML 8Page - Renesas Technology Corp M61316SP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
REJ03F0199-0201 Rev.2.01 Mar 31, 2008
Page 1 of 26
M61311SP/M61316SP
l
2C BUS Controlled Video Pre-amp for High Resolution Color
Display
REJ03F0199-0201
Rev.2.01
Mar 31, 2008
Description
M61311SP/M61316SP is semiconductor integrated circuit for CRT display monitor.
It includes OSD blanking, OSD mixing, retrace blanking, video detector, sync separator, wide band amplifier,
brightness control.
Main/sub contrast, video response adjust, ret BLK adjust, 4ch D/A OUT and OSD level adjust function can be
controlled by I
2C BUS.
Features
• Frequency band width: RGB
200 MHz (M61311SP)
150 MHz (M61316SP)
(4 VP-P at −3 dB)
OSD
80 MHz
• Input: RGB
0.7 VP-P (typ.)
OSD
3.5 V to 5.0 V (positive)
OSD BLK
3.5 V to 5.0 V (positive)
Retrace BLK
2.5 V to 5.0 V (positive)
Clamp pulse
2.5 V to 5.0 V (positive)
Output: RGB
5 VP-P (at Brightness less than 2 VDC)
OSD
4 VP-P (at Brightness less than 2 VDC)
Sync OUT
5 VP-P
Video det OUT
High = 4.2 VDC, Low = 0.7 VDC
Application
CRT display monitor
Recommended Operating Conditions
Supply voltage range:
11.50 V to 12.50 V (V3, V29)
4.75 V to 5.25 V (V11)
Rated supply voltage:
12.00 V (V3, V29)
5.00 V (V11)
Major Specification
I
2C BUS controlled 3ch video pre-amp with OSD mixing function and retrace blanking function.
The difference in the M61311SP/M61316SP is RGB video frequency band width.
M61311SP is 200 MHz, M61316SP is 150 MHz in conditions RGB output is 4 VP-P at −3 dB.


Similar Part No. - M61316SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61316SP MITSUBISHI-M61316SP Datasheet
227Kb / 22P
I2C BUS CONTROLLED VIDEO PRE-AMP FOR HIGH RESOLUTION COLOR DISPLAY
More results

Similar Description - M61316SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51387P MITSUBISHI-M51387P Datasheet
593Kb / 20P
3-CHANNEL VIDEO AMPLIFIER FOR HIGH-RESOLUTION COLOR DISPLAY
M52307P MITSUBISHI-M52307P Datasheet
548Kb / 17P
3-CHANNEL VIDEO AMPLIFIER FOR HIGH-RESOLUTION COLOR DISPLAY?
M52746SP MITSUBISHI-M52746SP Datasheet
281Kb / 25P
BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
M52749FP MITSUBISHI-M52749FP Datasheet
185Kb / 25P
BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
M52780-XXXSP MITSUBISHI-M52780-XXXSP Datasheet
269Kb / 38P
I2C BUS CONTROLLED 3CH VIDEO PRE-AMP WITH OSD CONTROLLER FOR HIGH RESOLUTION COLOR DISPLAY MONITOR
M61301SP MITSUBISHI-M61301SP Datasheet
293Kb / 25P
BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
M61314SP MITSUBISHI-M61314SP Datasheet
341Kb / 10P
I2C BUS CONTROLLED VIDEO PRE-AMP FOR HIGH RESOLUTION COLOR DISPLAY
M61311SP MITSUBISHI-M61311SP Datasheet
227Kb / 22P
I2C BUS CONTROLLED VIDEO PRE-AMP FOR HIGH RESOLUTION COLOR DISPLAY
logo
Renesas Technology Corp
M52749FP RENESAS-M52749FP Datasheet
328Kb / 27P
BUS Controlled 3ch Video Pre-amp for CRT Display Monitor
M61314SP RENESAS-M61314SP Datasheet
213Kb / 10P
I2C BUS Controlled Video Pre-amp for High Resolution Color Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com