Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9109 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA9109
Description  LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA9109 Datasheet HTML 11Page - STMicroelectronics TDA9109 Datasheet HTML 12Page - STMicroelectronics TDA9109 Datasheet HTML 13Page - STMicroelectronics TDA9109 Datasheet HTML 14Page - STMicroelectronics TDA9109 Datasheet HTML 15Page - STMicroelectronics TDA9109 Datasheet HTML 16Page - STMicroelectronics TDA9109 Datasheet HTML 17Page - STMicroelectronics TDA9109 Datasheet HTML 18Page - STMicroelectronics TDA9109 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
D8
D7
D6
D5
D4
D3
D2
D1
WRITE MODE
00
HDrive
0, off
[1], on
Horizontal Duty Cycle
[0]
[0]
[0]
[0]
[0]
01
Xray
1, reset
[0]
Horizontal Phase Adjustment
[1]
[0]
[0]
[0]
[0]
[0]
[0]
02
Forced Frequency
Free Running Frequency
1, on
[0], off
1, f0 x 2
[0], f0 x 3
[0]
[0]
[0]
[0]
[0]
03
Sync
0, Comp
[1], Sep
HMoiré
1, on
[0]
Horizontal Moiré Amplitude
[0]
[0]
[0]
[0]
[0]
04
Detect
Refresh
[0], off
B+ Reference Adjustment
[1]
[0]
[0]
[0]
[0]
[0]
[0]
05
Vramp
0, off
[1], on
Vertical Ramp Amplitude Adjustment
[1]
[0]
[0]
[0]
[0]
[0]
[0]
06
Vertical Position Adjustment
[1]
[0]
[0]
[0]
[0]
[0]
[0]
07
S Select
1, on
[0]
S Correction
[1]
[0]
[0]
[0]
[0]
[0]
08
C Select
1, on
[0]
C Correction
[1]
[0]
[0]
[0]
[0]
[0]
09
E/W Key
0, off
[1]
E/W Keystone
[1]
[0]
[0]
[0]
[0]
[0]
0A
E/W Amplitude
[1]
[0]
[0]
[0]
[0]
[0]
[0]
0B
E/W Cor
0, off
[1]
E/W Corner Adjustment
[1]
[0]
[0]
[0]
[0]
[0]
[0]
0C
Test V
1, on
[0], off
VMoiré
1, on
[0]
Vertical Moiré Amplitude
[0]
[0]
[0]
[0]
[0]
0D
SPB Sel
0, off
[1]
Side Pin Balance
[1]
[0]
[0]
[0]
[0]
[0]
0E
Parallelo
0, off
[1]
Parallelogram
[1]
[0]
[0]
[0]
[0]
[0]
0F
Test H
1, on
[0], off
Vertical Dynamic Focus Amplitude
[1]
[0]
[0]
[0]
[0]
[0]
READ MODE
Hlock
0, on
[1], no
Vlock
0, on
[1], no
Xray
1, on
[0], off
Polarity Detection
Sync Detection
H/V pol
[1], negative
V pol
[1], negative
Vext det
[0], no det
H/V det
[0], no det
V det
[0], no det
[ ] initial value
Data is transferred with vertical sawtooth retrace.
We recommend to set the unspecified bit to [0] in order to assure the compatibility with future devices.
I
2C BUS ADDRESS TABLE (continued)
TDA9109/S
15/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com