Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9109 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA9109
Description  LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA9109 Datasheet HTML 13Page - STMicroelectronics TDA9109 Datasheet HTML 14Page - STMicroelectronics TDA9109 Datasheet HTML 15Page - STMicroelectronics TDA9109 Datasheet HTML 16Page - STMicroelectronics TDA9109 Datasheet HTML 17Page - STMicroelectronics TDA9109 Datasheet HTML 18Page - STMicroelectronics TDA9109 Datasheet HTML 19Page - STMicroelectronics TDA9109 Datasheet HTML 20Page - STMicroelectronics TDA9109 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
I.6 - Sync Identification Status
The MCU can read (address read mode : 8D) the
status register via the I
2C bus, and then select the
sync priority depending on this status.
Among other data this register indicates the pres-
ence of sync pulses on H/HVIN, VSYNCIN and
(when 12V is supplied) whether a Vext has been
extracted from H/HVIN. Both horizontal and vertical
sync are detected even if only 5V is supplied.
In order to choose the right sync priority the MCU
may proceed as follows (see I
2C Address Table) :
- refresh the status register,
- wait at least for 20ms (Max. vertical period),
- read this status register.
Sync priority choice should be :
Vext
det
H/V
det
V
det
Sync priority
Subaddress
03 (D8)
Comment
Sync type
No
Yes Yes
1
Separated H & V
Yes
Yes
No
0
Composite TTL H&V
Of course, when the choice is made, we can refresh
the sync detections and verify that the extracted
Vsync is present and that no sync type change has
occured. The sync processor also gives sync po-
larity information.
I.7 - IC status
The IC can inform the MCU about the 1st horizontal
PLL and vertical section status (locked or not) and
about the XRAY protection (activated or not).
Resetting the XRAY internal latch can be done
either by decreasing the VCC or VDD supply or
directly resetting it via the I
2C interface.
I.8 - Sync Inputs
Both H/HVIN and VSYNCIN inputs are TTL com-
patible triggers with hysterisis to avoid erratic
detection. Both inputs include a pull up resistor
connected to VDD.
I.9 - Sync Processor Output
The sync processor indicates on the HLOCKOUT
Pin whether 1st PLL is locked to an incoming
horizontal sync. HLOCKOUT is a TTL compatible
CMOS output. Its level goes to high when locked.
In the same time the D8 bit of the status register is
set to 0.
This information is mainly used to trigger safety
procedures (like reducing B+ value) as soon as a
OPERATING DESCRIPTION (continued)
Z
T
Z
Figure 5
dd
C
TRAMEXT
Figure 6
change is detected on the incoming sync. Further
to this, it may be used in an automatic procedure
for free running frequency (f0) adjustment :
Sending the desired f0 on the sync input and
progressively decreasing the free running fre-
quency I
2C register value (address 02), the
HLOCKOUT Pin will go high as soon as the proper
setting is reached.
Setting the free running frequency this way allows
to fully exploit the TDA9109/S horizontal frequency
range.
II - HORIZONTAL PART
II.1 - Internal Input Conditions
A digital signal (horizontal sync pulse or TTL
composite) is sent by the sync processor to the
horizontal input. It may be positive or negative
(see Figure 5).
Using internal integration, both signals are recog-
nized if Z/T < 25%. Synchronization occurs on the
leading edge of the internal sync signal. The mini-
mum value of Z is 0.7
µs.
Another integration is able to extract the vertical
pulse from composite sync if the duty cycle is higher
than 25% (typically d = 35%) (see Figure 6).
The last feature performed is the removal of equali-
zation pulses to avoid parasitic pulses on the phase
comparator (which would be disturbed by missing
or extraneous pulses).
TDA9109/S
17/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com