Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9109 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA9109
Description  LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA9109 Datasheet HTML 17Page - STMicroelectronics TDA9109 Datasheet HTML 18Page - STMicroelectronics TDA9109 Datasheet HTML 19Page - STMicroelectronics TDA9109 Datasheet HTML 20Page - STMicroelectronics TDA9109 Datasheet HTML 21Page - STMicroelectronics TDA9109 Datasheet HTML 22Page - STMicroelectronics TDA9109 Datasheet HTML 23Page - STMicroelectronics TDA9109 Datasheet HTML 24Page - STMicroelectronics TDA9109 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
OPERATING DESCRIPTION (continued)
III - VERTICAL PART
III.1 - Function
23 VOUT
18 BREATH
VERT_AMP
SUB05/7bits
VMOIRE
SUB0C/5bits
VPOSITION
SUB06/7bits
22
20
SYNCHRO
OSCILLATOR
2
OSC
CAP
DISCH.
VSYNCIN
POLARITY
SAMPLING
SAMPLING
CAPACITANCE
Vlow
Sawth.
Disch.
REF
TRANSCONDUCTANCE
AMPLIFIER
CHARGE CURRENT
VS_AMP
SUB07/6bits
COR_C
SUB08/6bits
S CORRECTION
C CORRECTION
Figure 15 : AGC Loop Block Diagram
When the synchronization pulse is not present, an
internal current source sets the free running fre-
quency. For an external capacitor, COSC = 150nF,
the typical free running frequency is 100Hz.
The typical free running frequency can be calcu-
lated by :
f0
(Hz)
= 1.5 ⋅ 10−5 ⋅ 1
COSC
A negative or positive TTL level pulse applied on
Pin 2 (VSYNC) as well as a TTL composite sync on
Pin 1 can synchronize the ramp in the range
[fmin , fmax]. This frequency range depends on the
ext er nal capac it or connect ed on Pin 22.
A 150nF (
±5%) capacitor is recommended for
50Hz to 185Hz applications.
The typical maximum and minimum frequency, at
25
oC and without any correction (S correction or
C correction), can be calculated by :
f(Max.) = 3.5 x f0 and f(Min.) = 0.33 x f0
If S or C corrections are applied, these values are
slighty affected.
If a synchronization pulse is applied, the internal
oscillator is synchonized immediately but its
amplitude changes. An internal correction then
adjusts it in less than half a second. The top
value of the ramp (Pin 22) is sampled on the
AGC capacitor (Pin 20) at each clock pulse and
a transconductance amplifier modifies the
charge current of the capacitor in such a way to
make the amplitude again constant.
The read status register provides the vertical Lock-
Unlock and the vertical sync polarity information.
We recommend the use of an AGC capacitor with
low leakage current. A value lower than 100nA is
mandatory.
A good stability of the internal closed loop is
reached by a 470nF
± 5% capacitor value on
Pin 20 (VAGC).
TDA9109/S
21/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com