Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9109 Datasheet(PDF) 29 Page - STMicroelectronics

Part # TDA9109
Description  LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TDA9109 Datasheet HTML 22Page - STMicroelectronics TDA9109 Datasheet HTML 23Page - STMicroelectronics TDA9109 Datasheet HTML 24Page - STMicroelectronics TDA9109 Datasheet HTML 25Page - STMicroelectronics TDA9109 Datasheet HTML 26Page - STMicroelectronics TDA9109 Datasheet HTML 27Page - STMicroelectronics TDA9109 Datasheet HTML 28Page - STMicroelectronics TDA9109 Datasheet HTML 29Page - STMicroelectronics TDA9109 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
APPLICATION DIAGRAMS
TP17 J12
TP13 J11
TP10
TP16
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
X1
8MHz
C37
33pF
C38
33pF
C43
47
m F
L2
22
m H
+5V
R30
10k
W
R43
10k
W
C42
1
m F
TILT
J13
C45
10
m F
J16
J15
J14
+5V
R39
4.7k
W
R29
4.7k
W
R42
100
W
R41
100
W
C39
22pF
C40
22pF
SCL
SDA
1
2
3
4
5
6
7
8
9
10
11
12
16
15
14
13
CC3
47pF
PC1
47k
W
+12V
+12V
+12V
CC4
47pF
+12V
PC2
47k
W
CC1
100nF
CC2
10
m F
R35
10k
W
R10
10k
W
C25
33pF
HOUT
R8
10k
W
C22
33pF
J8
HFLY
Q1
BC557
Q2
BC557
R15
1k
W
R17
270k
W
R37
27k
W
+12V
R31
27k
W
R19
270k
W
R38
2.2
W
3W
C11 220pF
R18
39k
W
R33
4.7k
W
R9
470
W
R34
1k
W
J1
E/W
C36
1
m F
Q3
TIP122
E/W POWER STAGE
TP4 TP3
1
7
5
4
6
2
3
IC1
TDA8172
C10
470
m F
C8
100nF
-12V
C1
220nF
R3
1.5
W
R5
5.6k
W
R11
220
W
0.5W
R4
1
W
0.5W
C4
100nF
R2
5.6k
W
R40
36k
W
C10
100
m F
35V
D1
1n4001
C14
470
m F
C9
100nF
TP6
TP7
3
2
1
J18
V YOKE
J6
J3
J2
+12V
-12V
R1
12k
W
C41
470pF
VERTICAL DEFLECTION STAGE
1
2
3
4
5
6
7
8
9
10
11
12
16
15
14
13
C13 10nF
R36 1.8k
W
C31
4.7
m F
C17 1
m F
24
23
22
21
20
19
18
17
26
25
32
31
30
29
28
27
H/HVIN
VSYNCIN
HLOCKOUT
SCL
PLL2C
C0
B+OUT
R0
GGND
PLL1F
HOUTCOL
HPOSITION XRAYIN
HMOIRE
EWOUT
FOCUS
VOUT
HGND
VCAP
HFLY
VREF
HREF
VAGCCAP
COMP
VGND
REGIN
BREATH
I
SENSE
BGND
IC4
TDA9109/S
TP1
+12V
V
CC
C5
100
m F
C6
100nF
C49
100nF
HOUT
R53
1k
W
C48
10
m F
C3
47
m F
C2
100nF
C12
150nF
C15
470nF
+12V
R52
3.9k
W
+12V
Q4
BC557
Q5
BC547
R58
10
W
L3
22
m H
C50
10
m F
C7 22nF
C28
820pF 5%
R23
6.49k
W
1%
C16
C33
100nF
C27
47
m F
HREF
L4
47
m H
R24
10k
W
R25
1k
W
J9
DYN
FOCUS
C47
100pF
R50
1M
W
C46
1nF
C51
100nF
R57
82k
W
JP1
R51
1k
W
B+OUT
GND
I
SENSE
REGIN
3
2
1
J19
4
CON4
R49
22k
W
+5V
C30
100
m F
C32
100nF
L1
22
m H
+5V
SDA
+5V
R56
560
W
D2
1N4148
J17
HOUT
C60
100nF
R74
10k
W
R77
15k
W
P1
10k
W
+12V
R73
1M
W
R76
47k
W
R75
10k
W
TP8
EHT
COMP
R7 10k
W
R45 33k
W
TP14
()
*
()
* Optional
2
W
2k
W
The difference with standard TDA9109 Application Diagram is the resistor divider 2k
Ω/2Ω on
Pin 9 (HMOIRE).
Figure 39 : Demonstration Board
TDA9109/S
29/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com