Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9109 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA9109
Description  LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA9109 Datasheet HTML 14Page - STMicroelectronics TDA9109 Datasheet HTML 15Page - STMicroelectronics TDA9109 Datasheet HTML 16Page - STMicroelectronics TDA9109 Datasheet HTML 17Page - STMicroelectronics TDA9109 Datasheet HTML 18Page - STMicroelectronics TDA9109 Datasheet HTML 19Page - STMicroelectronics TDA9109 Datasheet HTML 20Page - STMicroelectronics TDA9109 Datasheet HTML 21Page - STMicroelectronics TDA9109 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
6
7
PLL1F
(Loop Filter)
R0
1.6V
6.4V
5
C0
6.4V
1.6V
0 0.875T
H TH
RS
FLIP FLOP
(1.3V < V
< 6V)
7
I0
2
4 I0
I
0
(0.80 < a < 1.30)
a
I2C Free Running
Adjustment
Figure 9 : Details of VCO
LOCKDET
COMP1
INPUT
INTERFACE
H/HVIN
High
CHARGE
PUMP
Low
PLL
INHIBITION
VCO
7
6
5
PLL1F
R0
C0
PHASE
ADJUST
E2
I2C
HPOS
Adj.
OSC
Tramext
Tramext
I2C
Forced
Frequency
Lock/Unlock
Status
8
HPOSITION
1
Figure 8 : Block Diagram
OPERATING DESCRIPTION (continued)
7
PLL1F
1
m F
4.7
m F
1.8k
W
Figure 7
II.2 - PLL1
The PLL1 consists of a phase comparator, an exter-
nal filter and a voltage-controlled oscillator (VCO).
The phase comparator is a "phase frequency" type
designed in CMOS technology. This kind of phase
detector avoids locking on wrong frequencies. It is
followed by a "charge pump", composed of two
current sources : sunk and sourced (typically I = 1mA
when locked and I = 140
µA when unlocked). This
difference between lock/unlock allows smooth catch-
ing of the horizontal frequency by PLL1. This effect
is reinforced by an internal original slow down system
when PLL1 is locked, avoiding the horizontal fre-
quency changing too quickly.
The dynamic behaviour of PLL1 is fixed by an exter-
nal filter which integrates the current of the charge
pump. A "CRC" filter is generally used (see Figure 7).
The PLL1 is internally inhibited during extracted
vertical sync (if any) to avoid taking in account
missing pulses or wrong pulses on phase compara-
tor.The inhibition is done by a switch located be-
tween the charge pump and the filter (see Figure 8).
The VCO uses an external RC network. It delivers
a linear sawtooth obtained by the charge and the
discharge of the capacitor, with a current propor-
tional to the current in the resistor. The typical
thresholds of the sawtooth are 1.6V and 6.4V.
The control voltage of the VCO is between 1.33V
and 6V (see Figure 9). The theorical frequency
range of this VCO is in the ratio of 1 to 4.5. The
effective frequency range has to be smaller (1 to
4.2) due to clamp intervention on the filter lowest
value. To remove the device and external compo-
nents spread, it is possible to adjust the free run-
ning frequency through I
2C. This adjustment can
be done automatically on the manufacturing line
without manual operation by using Hlock/unlock
information. The adjustment range is 0.8 to 1.3 f0
(where 1.3 f0 is the free running frequency at power
on reset).
TDA9109/S
18/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com