Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EYZ Datasheet(PDF) 6 Page - Vishay Siliconix

Part # EYZ
Description  Aluminum Capacitors Power Printed Wiring Style
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EYZ Datasheet(HTML) 6 Page - Vishay Siliconix

  EYZ Datasheet HTML 1Page - Vishay Siliconix EYZ Datasheet HTML 2Page - Vishay Siliconix EYZ Datasheet HTML 3Page - Vishay Siliconix EYZ Datasheet HTML 4Page - Vishay Siliconix EYZ Datasheet HTML 5Page - Vishay Siliconix EYZ Datasheet HTML 6Page - Vishay Siliconix EYZ Datasheet HTML 7Page - Vishay Siliconix EYZ Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Document Number: 25127
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 25-Aug-08
255
EYZ
Aluminum Capacitors
Power Printed Wiring Style
Vishay Roederstein
RIPPLE CURRENT AND USEFUL LIFE
Fig.9 Multiplier of usefil life as a function of ambient temperature and ripple current load
I
A = Actual ripple current at 100 Hz
I
A = Rated ripple current at 100 Hz and 105 °C
(1) Useful life at 105 °C and I
R applied: 5000 h
2.7
2.6
2.5
2.4
2.3
2.2
2.1
2.0
1.9
1.8
1.6
1.5
1.7
1.4
1.3
1.2
1.1
1.0
0.8
0.5
0.0
40
50
60
70
80
90
100
110
T
a (°C)
(1)
Life multiplier
I
A
I
R
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY
(Hz)
IR MULTIPLIER
UR = 10 V to 25 V
UR = 40 V to 100 V
UR = 200 V to 400 V
50
0.93
0.91
0.86
100
1.00
1.00
1.00
200
1.04
1.05
1.13
400
1.07
1.09
1.21
1000
1.11
1.13
1.29
2000
1.13
1.15
1.32
4000
1.15
1.18
1.35
≥ 10 000
1.18
1.22
1.40



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com