Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EYZ Datasheet(PDF) 2 Page - Vishay Siliconix

Part # EYZ
Description  Aluminum Capacitors Power Printed Wiring Style
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EYZ Datasheet(HTML) 2 Page - Vishay Siliconix

  EYZ Datasheet HTML 1Page - Vishay Siliconix EYZ Datasheet HTML 2Page - Vishay Siliconix EYZ Datasheet HTML 3Page - Vishay Siliconix EYZ Datasheet HTML 4Page - Vishay Siliconix EYZ Datasheet HTML 5Page - Vishay Siliconix EYZ Datasheet HTML 6Page - Vishay Siliconix EYZ Datasheet HTML 7Page - Vishay Siliconix EYZ Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Document Number: 25127
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 25-Aug-08
251
EYZ
Aluminum Capacitors
Power Printed Wiring Style
Vishay Roederstein
DIMENSIONS in millimeters AND AVAILABLE FORMS
Fig.1 Printed wiring pin version
Fig.2 Mounting hole pattern viewed from the component side
Fig.3 Printed wiring pin version
Fig.4 Mounting hole pattern viewed from the component side
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
200
250
385
400
68
-
-
25 x 30
25 x 30
100
-
25 x 30
25 x 40
25 x 40
150
25 x 30
25 x 40
30 x 40
30 x 40
220
25 x 40
30 x 40
35 x 40
35 x 40
330
30 x 40
35 x 40
35 x 50
35 x 50
--
40 x 40
40 x 40
470
35 x 40
35 x 50
40 x 50
40 x 50
-40 x 40
-
-
680
35 x 50
40 x 50
40 x 70
40 x 70
40 x 50
-
-
-
1000
40 x 50
40 x 70
40 x 100
40 x100
1500
40 x 70
40 x 100
-
-
2200
40 x 100
-
-
-
L
L + 5 max.
Ø D
+ 1 max.
-
5.1 ± 0.1
1 = Positive terminal
5 = Negative terminal
Case Ø D = 25 mm
Case Ø D = 25 mm
1.3
(3 x)
2.5
1
2
5
10 ± 0.1
12.5
± 0.1
1 = Positive terminal
5 = Negative terminal
Case Ø D = 30 mm and 35 mm
Ø D
+ 1 max.
L
-
L + 5 max.
5.1 ± 0.1
Case Ø D = 30 mm and 35 mm
15 ± 0.1
1.3
(4 x)
7.5 ± 0.1
17.5
± 0.1
2.5
1
2
3
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com