Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EYZ Datasheet(PDF) 1 Page - Vishay Siliconix

Part # EYZ
Description  Aluminum Capacitors Power Printed Wiring Style
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EYZ Datasheet(HTML) 1 Page - Vishay Siliconix

  EYZ Datasheet HTML 1Page - Vishay Siliconix EYZ Datasheet HTML 2Page - Vishay Siliconix EYZ Datasheet HTML 3Page - Vishay Siliconix EYZ Datasheet HTML 4Page - Vishay Siliconix EYZ Datasheet HTML 5Page - Vishay Siliconix EYZ Datasheet HTML 6Page - Vishay Siliconix EYZ Datasheet HTML 7Page - Vishay Siliconix EYZ Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 25127
250
Revision: 25-Aug-08
EYZ
Vishay Roederstein
Aluminum Capacitors
Power Printed Wiring Style
FEATURES
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Large types, minimized dimensions, cylindrical
aluminum case, insulated with a blue sleeve
• Provided with keyed polarity
• Very long useful life: 5000 h at 105 °C
• Low ESR, high ripple current capability
• Temperature range up to 105 °C
• High resistance to shock and vibration
APPLICATIONS
• Computer, telecommunication and industrial systems
• Smoothing and filtering
• Standard and switched mode power supplies
• Energy storage in pulse systems
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in µF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (M for ± 20 %)
• Rated voltage (in V)
• Date code (YYMM)
• Name of manufacturer
• Code for factory of origin
• Polarity of the terminals and ‘-’ sign to indicate the negative
terminal, visible from the top and/or side of the capacitor
• Code number
• Climatic category in accordance with IEC 60068
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case size
(Ø D x L in mm)
25 x 30 to 40 x 100
Rated capacitance range
(E6 series), CR
470 µF to
150 000 µF
68 µF to
3300 µF
Tolerance on CR
± 20 %
Rated voltage range, UR
10 V to 100 V 200 V to 400 V
Category temperature range
- 40 °C to + 105 °C
Endurance test at 105 °C
2000 h
Useful life at 105 °C
5000 h
Useful life at 40 °C,
1.9 x IR applied
150 000 h
Shelf life at 0 V, 105 °C
500 h
Based on sectional specification
IEC 60384-4/EN130300
Climatic category IEC 60068
40/105/56
Component outlines
RoHS
COMPLIANT
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
10
16
25
40
63
100
470
-
-
-
-
-
25 x 30
680
-
-
-
-
-
25 x 40
1000
-
-
-
-
25 x 30
30 x 40
1500
-
-
-
-
25 x 40
35 x 40
2200
-
-
-
25 x 30
30 x 40
35 x 50
-
-
-
-
-
40 x 40
3300
-
-
-
25 x 40
35 x 40
40 x 50
4700
-
-
25 x 30
30 x 40
35 x 50
40 x 70
-
---
40 x 40
-
6800
-
25 x 30
25 x 40
35 x 40
40 x 50
40 x 100
10 000
25 x 30
25 x 40
30 x 40
35 x 50
40 x 70
-
-
-
-
40 x 40
-
-
15 000
25 x 40
30 x 40
35 x 40
40 x 50
40 x 100
-
22 000
30 x 40
35 x 40
35 x 50
40 x 70
-
-
-
-
40 x 40
-
-
-
33 000
35 x 40
35 x 50
40 x 50
40 x 100
-
-
-
40 x 40
--
--
47 000
35 x 50
40 x 50
40 x 70
-
-
-
40 x 40
-
-
-
-
-
68 000
40 x 50
40 x 70
40 x 100
-
-
-
100 000
40 x 70
40 x 100
-
-
-
-
150 000
40 x 100
-
-
-
-
-


Similar Description - EYZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
053PEC-PW VISHAY-053PEC-PW Datasheet
151Kb / 10P
Aluminum Capacitors Power Economic Printed Wiring
14-Aug-08
MALLEY01AV447C02W VISHAY-MALLEY01AV447C02W Datasheet
88Kb / 5P
Aluminum Capacitors Power Printed Wiring Style
03-Nov-08
EYC VISHAY-EYC Datasheet
109Kb / 9P
Aluminum Capacitors Power Printed Wiring Style
03-Nov-08
EYD VISHAY-EYD Datasheet
114Kb / 7P
Aluminum Capacitors Power Printed Wiring Style
21-Aug-08
EYK VISHAY-EYK Datasheet
89Kb / 5P
Aluminum Capacitors Power Printed Wiring Style
03-Nov-08
EYV VISHAY-EYV Datasheet
116Kb / 7P
Aluminum Capacitors Power Printed Wiring Style
21-Aug-08
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
Aluminum Capacitors Power Eurodin Printed Wiring
02-Aug-11
051PEC-PW VISHAY-051PEC-PW Datasheet
151Kb / 10P
Aluminum Capacitors Power Economic Printed Wiring
17-Feb-12
EY VISHAY-EY_13 Datasheet
101Kb / 5P
Aluminum Capacitors Power Printed Wiring Style
09-Apr-13
EYK VISHAY-EYK_13 Datasheet
262Kb / 5P
Aluminum Capacitors Power Printed Wiring Style
08-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com