Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EYZ Datasheet(PDF) 3 Page - Vishay Siliconix

Part # EYZ
Description  Aluminum Capacitors Power Printed Wiring Style
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EYZ Datasheet(HTML) 3 Page - Vishay Siliconix

  EYZ Datasheet HTML 1Page - Vishay Siliconix EYZ Datasheet HTML 2Page - Vishay Siliconix EYZ Datasheet HTML 3Page - Vishay Siliconix EYZ Datasheet HTML 4Page - Vishay Siliconix EYZ Datasheet HTML 5Page - Vishay Siliconix EYZ Datasheet HTML 6Page - Vishay Siliconix EYZ Datasheet HTML 7Page - Vishay Siliconix EYZ Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 25127
252
Revision: 25-Aug-08
EYZ
Vishay Roederstein
Aluminum Capacitors
Power Printed Wiring Style
Fig.5 Printed wiring pin version
Fig.6 Mounting hole pattern viewed from the component side
Fig.7 Printed wiring pin version
Fig.8 Mounting hole pattern viewed from the component side
MOUNTING
When a number of capacitors are connected in a bank, they must not be closer together than 15 mm, when no derating of ripple
current and/or temperature is applied.
Pin numbers 2, 3 and 4 (if present) must be free from the electrical circuit.
1 = Positive terminal;
5 = Negative terminal
Case Ø D = 35 mm
Ø D
+ 1 max.
L
-
L + 5 max.
5.1 ± 0.1
Case Ø D = 35 mm
2.5
15 ± 0.1
7.5 ± 0.1
7.5 ± 0.1
1.3
(4 x)
1
2
3
5
1 = Positive terminal;
5 = Negative terminal
Case Ø D = 40 mm
L
Ø D
+ 1 max.
L + 1 max.
5.1 ± 0.1
+
-
Case Ø D = 40 mm
2.5
20 ± 0.1
10 ± 0.1
17.5 ± 0.1
20 ± 0.1
1.3
(5 x)
1
2
3
5
4
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES PW versions
NOMINAL
CASE SIZE
Ø D x L
Ø Dmax.
Lmax.
MASS
(g)
PACKAGING QUANTITIES
(units per box)
CARDBOARD BOX DIMENSIONS
L x W x H
25 x 30
26
35
≈ 24
100
290 x 280 x 50
25 x 40
26
45
≈ 28
100
290 x 280 x 60
30 x 40
31
45
≈ 38
100
340 x 330 x 60
35 x 40
36
45
≈ 51
50
390 x 198 x 60
35 x 50
36
55
≈ 66
50
390 x 198 x 70
40 x 40
41
45
≈ 78
50
440 x 223 x 60
40 x 50
41
55
≈ 82
50
440 x 223 x 70
40 x 70
41
75
≈ 110
25
230 x 230 x 90
40 x 100
41
105
≈ 176
25
230 x 230 x 120



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com