Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EYZ Datasheet(PDF) 4 Page - Vishay Siliconix

Part # EYZ
Description  Aluminum Capacitors Power Printed Wiring Style
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EYZ Datasheet(HTML) 4 Page - Vishay Siliconix

  EYZ Datasheet HTML 1Page - Vishay Siliconix EYZ Datasheet HTML 2Page - Vishay Siliconix EYZ Datasheet HTML 3Page - Vishay Siliconix EYZ Datasheet HTML 4Page - Vishay Siliconix EYZ Datasheet HTML 5Page - Vishay Siliconix EYZ Datasheet HTML 6Page - Vishay Siliconix EYZ Datasheet HTML 7Page - Vishay Siliconix EYZ Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Document Number: 25127
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 25-Aug-08
253
EYZ
Aluminum Capacitors
Power Printed Wiring Style
Vishay Roederstein
Note
(1) Unless otherwise specified, all electrical values in Tables 2 and 3
apply at Ta = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %
ORDERING EXAMPLE
10 000 µF/25 V; ± 20 %
Nominal case size: Ø 30 x 40 mm
Ordering code: MALPEYZ00BB510E02W
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz
IR
rated RMS ripple current at 100 Hz and 105 °C
IL1
max. leakage current after 1 minute at UR
IL5
max. leakage current after 5 minutes at UR
ESR
max. equivalent series resistance at 100 Hz
Z
max. impedance at 10 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
105 °C
(A)
IL1
1min
(mA)
IL5
5min
(mA)
ESR
100 Hz
(m
Ω)
Z
10 kHz
(m
Ω)
ORDERING CODE
10
10 000
25 x 30
3.17
0.60
0.20
48
37
MALPEYZ00AV510C02W
15 000
25 x 40
4.21
0.90
0.30
34
27
MALPEYZ00AB515C02W
22 000
30 x 40
5.05
1.32
0.44
29
23
MALPEYZ00BB522C02W
33 000
35 x 40
5.63
1.98
0.66
27
22
MALPEYZ00CB533C02W
47 000
35 x 50
6.19
2.82
0.94
26
21
MALPEYZ00CD547C02W
47 000
40 x 40
6.19
2.82
0.94
26
21
MALPEYZ00DB547C02W
68 000
40 x 50
7.64
4.08
1.36
21
18
MALPEYZ00DD568C02W
100 000
40 x 70
10.0
6.00
2.00
16
15
MALPEYZ00DG610C02W
150 000
40 x 100
12.9
9.00
3.00
13
12
MALPEYZ00DM615C02W
16
6800
25 x 30
3.11
0.65
0.22
50
37
MALPEYZ00AV468D02W
10 000
25 x 40
4.09
0.96
0.32
36
27
MALPEYZ00AB510D02W
15 000
30 x 40
4.97
1.44
0.48
30
23
MALPEYZ00BB515D02W
22 000
35 x 40
5.53
2.12
0.71
29
22
MALPEYZ00CB522D02W
33 000
35 x 50
6.08
3.17
1.06
28
21
MALPEYZ00CD533D02W
33 000
40 x 40
6.08
3.17
1.06
28
21
MALPEYZ00DB533D02W
47 000
40 x 50
7.46
4.52
1.51
22
18
MALPEYZ00DD547D02W
68 000
40 x 70
9.70
6.53
2.18
17
15
MALPEYZ00DG568D02W
100 000
40 x 100
12.90
9.60
3.20
13
12
MALPEYZ00DM610D02W
25
4700
25 x 30
2.94
0.71
0.24
56
37
MALPEYZ00AV447E02W
6800
25 x 40
3.93
1.02
0.34
39
27
MALPEYZ00AB468E02W
10 000
30 x 40
4.81
1.50
0.50
32
23
MALPEYZ00BB510E02W
15 000
35 x 40
5.43
2.25
0.75
30
22
MALPEYZ00CB515E02W
22 000
35 x 50
5.98
3.30
1.10
29
21
MALPEYZ00CD522E02W
22 000
40 x 40
5.98
3.30
1.10
29
21
MALPEYZ00DB522E02W
33 000
40 x 50
7.30
4.95
1.65
23
18
MALPEYZ00DD533E02W
47 000
40 x 70
9.43
7.05
2.35
18
15
MALPEYZ00DG547E02W
68 000
40 x 100
12.44
10.20
3.40
14
12
MALPEYZ00DM568E02W
40
2200
25 x 30
2.36
0.53
0.18
87
54
MALPEYZ00AV422G02W
3300
25 x 40
3.17
0.79
0.27
60
38
MALPEYZ00AB423G02W
4700
30 x 40
3.93
1.13
0.38
48
33
MALPEYZ00BB447G02W
6800
35 x 40
4.59
1.63
0.55
42
31
MALPEYZ00CB468G02W
10 000
35 x 50
5.03
2.40
0.80
41
29
MALPEYZ00CD510G02W
10 000
40 x 40
5.03
2.40
0.80
41
29
MALPEYZ00DB510G02W
15 000
40 x 50
6.09
3.60
1.20
33
24
MALPEYZ00DD515G02W
22 000
40 x 70
8.34
5.28
1.76
23
18
MALPEYZ00DG522G02W
33 000
40 x 100
10.97
7.92
2.64
18
15
MALPEYZ00DM533G02W
63
1000
25 x 30
1.55
0.38
0.13
202
155
MALPEYZ00AV410J02W
1500
25 x 40
2.10
0.57
0.19
137
109
MALPEYZ00AB415J02W
2200
30 x 40
2.72
0.83
0.28
100
79
MALPEYZ00BB422J02W
3300
35 x 40
3.44
1.25
0.42
75
61
MALPEYZ00CB433J02W
4700
35 x 50
4.09
1.78
0.60
62
53
MALPEYZ00CD447J02W
4700
40 x 40
4.09
1.78
0.60
62
53
MALPEYZ00DB447J02W
6800
40 x 50
5.10
2.57
0.86
47
40
MALPEYZ00DD468J02W
10 000
40 x 70
6.86
3.78
1.26
34
29
MALPEYZ00DG510J02W
15 000
40 x 100
9.31
5.67
1.89
25
21
MALPEYZ00DM515J02W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com