Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN22 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TN22
Description  STARTLIGHT(Application Specific Discretes A.S.D.??
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN22 Datasheet(HTML) 1 Page - STMicroelectronics

  TN22 Datasheet HTML 1Page - STMicroelectronics TN22 Datasheet HTML 2Page - STMicroelectronics TN22 Datasheet HTML 3Page - STMicroelectronics TN22 Datasheet HTML 4Page - STMicroelectronics TN22 Datasheet HTML 5Page - STMicroelectronics TN22 Datasheet HTML 6Page - STMicroelectronics TN22 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
TN22
®
STARTLIGHT
October 2000 - Ed:1
n
High clamping voltage structure (1200 - 1500V)
n
Low gate triggering current for direct drive from
line (< 1.5mA)
n
High holding current (> 175mA), ensuring high
striking energy.
FEATURES
The TN22 has been specifically developed for use
in electronic starter circuits. Use in conjunction
with a sensitive SCR and a resistor, it provides
high energy striking characteristics with low trig-
gering power. Thanks to its electronic concept, this
TN22 based starter offers high reliability levels and
extended life time of the fluorescent tubelamps.
DESCRIPTION
Symbol
Parameter
Value
Unit
VDRM
Repetitive peak off-state voltage
Tj = 110°C
400
V
IT(RMS)
RMS on-state current
Full sine ware (180° conduction angle)
Tc= 95°C
2
A
IT(AV)
Mean on-state current
Full sine ware (180° conduction angle)
Tc= 95°C
1.8
A
ITSM
Non repetitive surge peak on-state current
(Tj initial = 25°C)
tp = 8.3ms
22
A
tp = 10ms
20
I
2t
I
2t Value for fusing
tp = 10ms
2
A
2s
dI/dt
Critical rate of rise of on-state current
IG =5mA
dIG /dt = 70 mA/
µs.
50
A/
µs
Tstg
Tj
Storage and operating junction temperature range
-40to+150
-40to+110
°C
Tl
Maximum lead temperature for soldering during 10s at
4.5mm from case
260
°C
ABSOLUTE RATINGS (limiting values)
2, TAB
1
3
TAB
2
1
3
TAB
2
1
3
DPAK
(TN22-B)
IPAK
(TN22-H)
Application Specific Discretes
A.S.D.™


Similar Part No. - TN22

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN22 STMICROELECTRONICS-TN22 Datasheet
152Kb / 9P
STARTLIGHT
17-Sep-2005
TN22-1500 STMICROELECTRONICS-TN22-1500 Datasheet
152Kb / 9P
STARTLIGHT
17-Sep-2005
TN22-1500B STMICROELECTRONICS-TN22-1500B Datasheet
152Kb / 9P
STARTLIGHT
17-Sep-2005
TN22-1500BTR STMICROELECTRONICS-TN22-1500BTR Datasheet
152Kb / 9P
STARTLIGHT
17-Sep-2005
TN22-1500H STMICROELECTRONICS-TN22-1500H Datasheet
152Kb / 9P
STARTLIGHT
17-Sep-2005
More results

Similar Description - TN22

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06031C222KAZ2A AVX-06031C222KAZ2A Datasheet
6Mb / 135P
Application Specific MLCs
06031C271KAZ2A AVX-06031C271KAZ2A Datasheet
6Mb / 135P
Application Specific MLCs
logo
International Rectifier
IRF6655TR1PBF IRF-IRF6655TR1PBF Datasheet
277Kb / 10P
Application Specific MOSFETs
logo
Murata Manufacturing Co...
1303353 MURATA-1303353 Datasheet
1Mb / 30P
Application Specific Capacitors
logo
International Rectifier
IRF6623TR1 IRF-IRF6623TR1 Datasheet
225Kb / 9P
Application Specific MOSFETs
IRF6604TR1 IRF-IRF6604TR1 Datasheet
635Kb / 13P
Application Specific MOSFETs
IRF6655PBF IRF-IRF6655PBF_15 Datasheet
277Kb / 10P
Application Specific MOSFETs
IRF6662PBF IRF-IRF6662PBF_15 Datasheet
253Kb / 10P
Application Specific MOSFETs
IRF6668PBF IRF-IRF6668PBF_15 Datasheet
636Kb / 10P
Application Specific MOSFETs
logo
List of Unclassifed Man...
33105 ETC2-33105 Datasheet
117Kb / 1P
APPLICATION SPECIFIC ADAPTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com