Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN22 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TN22
Description  STARTLIGHT(Application Specific Discretes A.S.D.??
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN22 Datasheet(HTML) 3 Page - STMicroelectronics

  TN22 Datasheet HTML 1Page - STMicroelectronics TN22 Datasheet HTML 2Page - STMicroelectronics TN22 Datasheet HTML 3Page - STMicroelectronics TN22 Datasheet HTML 4Page - STMicroelectronics TN22 Datasheet HTML 5Page - STMicroelectronics TN22 Datasheet HTML 6Page - STMicroelectronics TN22 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TN22
3/7
This thyristor has been designed for use as a fluo-
rescent tube starter switch.
An electronic starter circuit provides :
s A pre-heating period during which a heating
current is applied to the cathode heaters.
s One or several high voltage striking pulses
across the lamp.
TN22
R
S
STARTER CIRCUIT
CONTROLLER
(TIMER)
INDUCTANCE
BALLAST
FLUORESCENT
TUBE
AC
VOLTAGE
BASIC APPLICATION DIAGRAM
PRINCIPLE OF OPERATION
1/ Pre-heating
At rest the switch S is opened and when the mains
voltage is applied across the circuit a full wave rec-
tified current flows through the resistor R and the
TN22 gate : at every half-cycle when this current
reaches the gate triggering current (IGT) the thyris-
tor turns on.
When the device is turned on the heating current,
limited by the ballast choke, flows through the tube
heaters.
The pre-heating time is typically 2 or 3 seconds.
2/ Pulsing
At the end of the pre-heating phase the switch S is
turned on. At this moment :
If the current through the devices is higher than the
holding current (IH) the thyristor remains on until
the current falls below IH. Then the thyristor turns
off.
If the current is equal or lower than the holding cur-
rent the thyristor turns off instantaneously.
When the thyristor turns off the current flowing
through the ballast choke generates a high voltage
pulse. This overvoltage is clamped by the thyristor
avalanche characteristic (VBR).
If the lamp is not struck after the first pulse, the sys-
tem starts a new ignition sequence again.
3/ Steady state
When the lamp is on the running voltage is about
150V and the starter switch is in the off-state.
IMPLEMENTATION
The resistor R must be chosen to ensure a proper
triggering in the worst case (minimum operating
temperature) according to the specified gate trig-
gering current and the peak line voltage.
Switch S : This function can be realized with a gate
sensitive SCR type : P0130AA 1EA3
This component is a low voltage device (< 50V)
and the maximum current sunk through this switch
can reach the level of the thyristor holding current.
The pre-heating period can be determined by the
time
constant of
a
capacitor-resistor circuit
charged by the voltage drop of diodes used in se-
ries in the thyristor cathode.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com