Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN22 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TN22
Description  STARTLIGHT(Application Specific Discretes A.S.D.??
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN22 Datasheet(HTML) 4 Page - STMicroelectronics

  TN22 Datasheet HTML 1Page - STMicroelectronics TN22 Datasheet HTML 2Page - STMicroelectronics TN22 Datasheet HTML 3Page - STMicroelectronics TN22 Datasheet HTML 4Page - STMicroelectronics TN22 Datasheet HTML 5Page - STMicroelectronics TN22 Datasheet HTML 6Page - STMicroelectronics TN22 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TN22
4/7
T(av)
I(A)
= 180
o
=120
o
=60
o
=30
o
=90
o
0.2 0.4
0.6 0.8
1.2
1.4
1.6 1.8 2
1
T(av)
P(W)
0
0
1
2
3
4
5
6
Fig.1 : Maximum average power dissipation ver-
sus average on-state current (rectified full sine
wave).
10
20
30 40
50
60
70 80
90 100 110
0.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Tcase ( C)
o
T(av)
I(A)
=180
o
Fig.3 : Average on-state current versus case tem-
perature (rectified full sine wave).
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Igt
Tj( C)
o
Ih
-40
-20
0
20
40
60
80
100
120
140
Igt[Tj]
Igt[Tj=25 C]
o
Ih[Tj]
Ih[Tj=25 C]
o
Fig.5 : Relative variation of gate trigger current
and holding current versus junction temperature.
0
0
1
2
3
4
5
6
=180
o
Tcase ( C)
o
Rth=12 C/W
o
Rth=8 C/W
o
Rth=4 C/W
o
Rth=0 C/W
o
10
20
30
40
50
60
70
80
90 100 110
T(av)
P(W)
Fig.2 : Correlation between maximum average
power dissipation and maximum allowable tem-
perature (Tamb and Tcase) for different thermal
resistances heatsink + contact.
1.0E-02
1.0E-01 1 .0E +00 1.0E+01 1 .0E +02 1 .0E +03
1.0E-01
1.0E +00
1.0E+01
1.0E +02
Zth(j-a)(oC/W)
tp(S)
Fig.4 : Thermal transient impedance junction to
ambient versus pulse duration.
1
10
100
1000
0
2
4
6
8
10
12
14
16
18
20
Tj initial = 25 C
F= 50Hz
o
Number of cycles
I(A)
TSM
Fig.6 : Non repetitive surge peak on-state current
versus number of cycles.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com