Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN22 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TN22
Description  STARTLIGHT(Application Specific Discretes A.S.D.??
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN22 Datasheet(HTML) 2 Page - STMicroelectronics

  TN22 Datasheet HTML 1Page - STMicroelectronics TN22 Datasheet HTML 2Page - STMicroelectronics TN22 Datasheet HTML 3Page - STMicroelectronics TN22 Datasheet HTML 4Page - STMicroelectronics TN22 Datasheet HTML 5Page - STMicroelectronics TN22 Datasheet HTML 6Page - STMicroelectronics TN22 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TN22
2/7
Symbol
Parameters
Value
Unit
Rth(j-a)
Junction to ambient
100
°C/W
Rth(j-c)
Junction to case
3
°C/W
THERMAL RESISTANCES
PG (AV)= 300 mW PGM =2W(tp=20
µs) IFGM =1A(tp=20 µs) VRGM =6V
GATE CHARACTERISTICS (maximum values)
Symbol
Test conditions
Type
Value
Unit
IGT
VD=12V (DC) RL=33
Ω
Tj= 25°C
MAX
1.5
mA
VGT
VD=12V (DC) RL=33
Ω
RGK =1K
Ω
Tj= 25°C
MAX
3
V
IH
VGK =0V
Tj= 25°C
MIN
175
mA
VTM
ITM= 2A tp= 380
µs
Tj= 25°C
MAX
3.1
V
IDRM
VDRM Rated
Tj= 25°C
MAX
0.1
mA
dV/dt
Linear slope up to
VD=67%VDRM VGK =0V
Tj= 110°C
MIN
500
V/
µs
ELECTRICAL CHARACTERISTICS
Symbol
Test conditions
Type
Value
Unit
TN22-1500
VBR
ID= 5mA
VGK = 0V
Tj = 25°C
MIN
1200
V
MAX
1500
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com