Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN22 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TN22
Description  STARTLIGHT(Application Specific Discretes A.S.D.??
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN22 Datasheet(HTML) 5 Page - STMicroelectronics

  TN22 Datasheet HTML 1Page - STMicroelectronics TN22 Datasheet HTML 2Page - STMicroelectronics TN22 Datasheet HTML 3Page - STMicroelectronics TN22 Datasheet HTML 4Page - STMicroelectronics TN22 Datasheet HTML 5Page - STMicroelectronics TN22 Datasheet HTML 6Page - STMicroelectronics TN22 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TN22
5/7
I(A). I2 t(A2 s)
TSM
Tj initial = 25 C
o
I
TSM
tp(ms)
I 2 t
100
10
10
1
1
Fig.7 : Non repetitive surge peak on-state current
for a sinusoidal pulse with width : tp
= 10ms, and
corresponding value of I
2t.
0.1
110
20
0
1
2
3
4
5
6
7
8
V(V)
TM
I(A)
TM
Tj=25 C
o
Tj=110 C
o
Tj=110 C
Vto =2.50V
Rt =0.235
o
Fig.8 : On-state characteristics (maximum values).
1
10
100
1000
1
10
100
500
Rgk(
)
I(mA)
H
Tj=25 C
o
Fig.9 : Relative variation of holding current versus
gate-cathode resistance (typical values).
I(A)
T(rms)
tp(s)
0.1
1
10
100
11
10
9
8
7
6
5
4
3
2
1
Tc initial = 25 C
o
Tc initial = 45 C
o
Tc initial = 65 C
o
Fig.10 : Maximum allowable RMS current versus
time conduction and initial case temperature.
Note : Calculation made fot Tj max = 135°C (the
failure mode will be short circuit)
TN
2
2
-
1500
B
(-TR)
STARTLIGHT
DEVICE
I
MAX
2: 1.5 mA
GT
V
max:
1500: 1500V
BR
I
MAX
2: 2 A
T(RMS)
PACKAGE:
B: DPAK
H: IPAK
PACKING MODE:
Blank: Tube
-TR: DPAK Tape & Reel
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com