Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5627RBCPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5627RBCPZ-R2
Description  Dual, 12-/14-/16-Bit nanoDACs짰 with 5 ppm/째C On-Chip Reference, I2C짰 Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5627RBCPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5627RBCPZ-R2 Datasheet HTML 3Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 4Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 5Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 6Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 7Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 8Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 9Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 10Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AD5627R/AD5647R/AD5667R, AD5627/AD5667
Rev. 0 | Page 7 of 32
Parameter
Conditions2
Min
Max
Unit
Description
t12
Standard mode
300
ns
tFCL, fall time of SCL signal
Fast mode
300
ns
High speed mode, CB = 100 pF
10
40
ns
High speed mode, CB = 400 pF
20
80
ns
t13
Standard mode
10
ns
LDAC pulse width low
Fast mode
10
ns
High speed mode
10
ns
t14
Standard mode
300
ns
Falling edge of 9th SCL clock pulse of last byte of valid write to LDAC
falling edge
Fast mode
300
ns
High speed mode
30
ns
t15
Standard mode
20
ns
CLR pulse width low
Fast mode
20
ns
High speed mode
20
ns
tSP4
Fast mode
0
50
ns
Pulse width of spike suppressed
High speed mode
0
10
ns
1 See Figure 3. High speed mode timing specification applies only to the AD5627RBRMZ-2/AD5627BRMZ-2REEL7 and AD5667RBRMZ-2/AD5667BRMZ-2REEL7.
2 CB refers to the capacitance on the bus line.
3 The SDA and SCL timing is measured with the input filters enabled. Switching off the input filters improves the transfer rate but has a negative effect on EMC behavior
of the part.
4 Input filtering on the SCL and SDA inputs suppresses noise spikes that are less than 50 ns for fast mode or 10 ns for high speed mode.
SCL
SDA
PS
S
P
t8
t6
t5
t3
t10
t9
t4
t6
t1
t2
t11
t12
t14
CLR
t13
t15
LDAC*
t7
*ASYNCHRONOUS LDAC UPDATE MODE.
Figure 3. 2-Wire Serial Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com