Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5627RBCPZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5627RBCPZ-R2
Description  Dual, 12-/14-/16-Bit nanoDACs짰 with 5 ppm/째C On-Chip Reference, I2C짰 Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5627RBCPZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5627RBCPZ-R2 Datasheet HTML 10Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 11Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 12Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 13Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 14Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 15Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 16Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 17Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
AD5627R/AD5647R/AD5667R, AD5627/AD5667
Rev. 0 | Page 14 of 32
VDD (V)
1.0
0.5
0
–2.0
–1.5
–1.0
–0.5
–2.5
2.7
3.2
4.2
3.7
5.2
4.7
ZERO-SCALE ERROR
OFFSET ERROR
TA = 25°C
Figure 30. Zero-Scale Error and Offset Error vs. Supply
IDD (mA)
0
18
16
14
12
10
8
6
4
2
0.44
0.42
0.40
0.38
0.36
0.34
0.32
0.30
VDD = 3.6V
VDD = 5.5V
Figure 31. IDD Histogram with External Reference
IDD (mA)
0
14
12
10
8
6
4
2
VDD = 3.6V
VDD = 5.5V
VREFOUT = 2.5V
VREFOUT = 1.25V
Figure 32. IDD Histogram with Internal Reference
CURRENT (mA)
0.5
0.4
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
–10
–8
–6
–4
–2
0
2
4
8
610
VDD = 3V
VREFOUT = 1.25V
VDD = 5V
VREFOUT = 2.5V
DAC LOADED WITH
ZERO-SCALE
SINKING CURRENT
DAC LOADED WITH
FULL-SCALE
SOURCING CURRENT
Figure 33. Headroom at Rails vs. Source and Sink
CURRENT (mA)
6
5
4
3
2
1
–1
0
–30
–20
–10
0
10
20
30
VDD = 5V
VREFOUT = 2.5V
TA = 25°C
ZERO SCALE
FULL SCALE
MIDSCALE
1/4 SCALE
3/4 SCALE
Figure 34. AD56x7R with 2.5 V Reference, Source and Sink Capability
CURRENT (mA)
4
–1
0
1
2
3
–30
–20
–10
0
10
20
30
VDD = 3V
VREFOUT = 1.25V
TA = 25°C
ZERO SCALE
FULL SCALE
MIDSCALE
1/4 SCALE
3/4 SCALE
Figure 35. AD56x7R with 1.25 V Reference, Source and Sink Capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com