Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5627RBCPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5627RBCPZ-R2
Description  Dual, 12-/14-/16-Bit nanoDACs짰 with 5 ppm/째C On-Chip Reference, I2C짰 Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5627RBCPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5627RBCPZ-R2 Datasheet HTML 6Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 7Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 8Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 9Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 10Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 11Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 12Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 13Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD5627R/AD5647R/AD5667R, AD5627/AD5667
Rev. 0 | Page 10 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
CODE
10
4
6
8
0
2
–6
–10
–8
–2
–4
0
5k 10k 15k 20k 25k 30k 35k 40k 45k 50k 55k 60k 65k
VDD = VREF = 5V
TA = 25°C
Figure 6. AD5667 INL, External Reference
CODE
4
–4
0
2500
5000
7500
10000
12500
15000
–3
–2
–1
0
1
2
3
VDD = VREF = 5V
TA = 25°C
Figure 7. AD5647R INL, External Reference
CODE
1.0
–1.0
0
500
1000
1500
2000
2500
3000
3500
4000
–0.8
–0.6
–0.4
0
0.4
0.2
–0.2
0.6
0.8
VDD = VREF = 5V
TA = 25°C
Figure 8. AD5627 INL, External Reference
CODE
1.0
0.6
0.4
0.2
0.8
0
–0.4
–0.2
–0.6
–1.0
–0.8
0
10k
20k
30k
40k
50k
60k
VDD = VREF = 5V
TA = 25°C
Figure 9. AD5667 DNL, External Reference
0.5
0.3
0.2
0.1
0.4
0
–0.2
–0.1
–0.3
–0.5
–0.4
VDD = VREF = 5V
TA = 25°C
CODE
0
2500
5000
7500
10000
12500
15000
Figure 10. DNL AD5647R, External Reference
0.20
0.10
0.05
0.15
0
–0.05
–0.10
–0.20
–0.15
CODE
0
500
1000
1500
2000
2500
3000
3500
4000
VDD = VREF = 5V
TA = 25°C
Figure 11. AD5627 DNL, External Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com