Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5627RBCPZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5627RBCPZ-R2
Description  Dual, 12-/14-/16-Bit nanoDACs짰 with 5 ppm/째C On-Chip Reference, I2C짰 Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5627RBCPZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5627RBCPZ-R2 Datasheet HTML 11Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 12Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 13Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 14Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 15Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 16Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 17Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 18Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
AD5627R/AD5647R/AD5667R, AD5627/AD5667
Rev. 0 | Page 15 of 32
CODE
0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
512
10512
20512
30512
40512
50512
60512
TA = 25°C
VDD = 5V, VREFOUT = 2.5V
VDD = VREF = 5V
Figure 36. Supply Current vs. Code
SUPPLY VOLTAGE (V)
0
0.05
0.10
0.15
0.25
0.20
0.30
0.40
0.35
3.2
2.7
3.7
4.2
4.7
5.2
TA = 25°C
Figure 37. Supply Current vs. Supply Voltage
TEMPERATURE (°C)
0.45
0.05
0.10
0.15
0.20
0.35
0.40
0.25
0.30
0
–40
–20
0
20
40
60
80
100
VDD = VREFIN = 5V
VDD = VREFIN = 3V
Figure 38. Supply Current vs. Temperature
TIME BASE = 4µs/DIV
VDD = VREF = 5V
TA = 25°C
FULL-SCALE CODE CHANGE
0x0000 TO 0xFFFF
OUTPUT LOADED WITH 2kΩ
AND 200pF TO GND
VOUT = 909mV/DIV
1
Figure 39. Full-Scale Settling Time, 5 V
CH1 2.0V
CH2 500mV
M100µs 125MS/s
A CH1
1.28V
8.0ns/pt
VDD = VREF = 5V
TA = 25°C
VOUT
VDD
1
2
MAX(C2)
420.0mV
Figure 40. Power-On Reset to 0 V
VDD = 5V
SYNC
SLCK
VOUT
1
3
CH1 5.0V
CH3 5.0V
CH2 500mV
M400ns
A CH1
1.4V
2
Figure 41. Exiting Power-Down to Midscale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com