Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5627RBCPZ-R2 Datasheet(PDF) 23 Page - Analog Devices

Part # AD5627RBCPZ-R2
Description  Dual, 12-/14-/16-Bit nanoDACs짰 with 5 ppm/째C On-Chip Reference, I2C짰 Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5627RBCPZ-R2 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5627RBCPZ-R2 Datasheet HTML 19Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 20Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 21Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 22Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 23Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 24Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 25Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 26Page - Analog Devices AD5627RBCPZ-R2 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
AD5627R/AD5647R/AD5667R, AD5627/AD5667
Rev. 0 | Page 23 of 32
INPUT SHIFT REGISTER
The input shift register is 24 bits wide. Data is loaded into the
device as a 24-bit word under the control of a serial clock input,
SCL. The timing diagram for this operation is shown in Figure 3.
The 8 MSBs make up the command byte. DB23 is reserved and
should always be set to 0 when writing to the device. DB22 (S)
is used to select multiple byte operation The next three bits are
the command bits (C2, C1, C0) that control the mode of operation
of the device. See Table 8 for details. The last 3 bits of first byte
are the address bits (A2, A1, A0). See Table 9 for details. The
rest of the bits are the 16-, 14-, 12-bit data word. The data word
comprises the 16-, 14-, 12-bit input code followed by two or four
don’t cares for the AD5647R and the AD5627R/AD5627,
respectively (see Figure 59 through Figure 61).
MULTIPLE BYTE OPERATION
Multiple byte operation is supported on the AD56x7R/AD56x7.
A 2-byte operation is useful for applications that require fast
DAC updating and do not need to change the command byte.
The S bit (DB22) in the command register can be set to 1 for 2-
byte mode of operation (see Figure 57). For standard 3-byte
and 4-byte operation, the S bit (DB22) in the command byte
should be set to 0 (see Figure 58).
BROADCAST MODE
Broadcast addressing is supported on the AD56x7R/AD56x7.
Broadcast addressing can be used to synchronously update or
power down multiple AD56x7R/AD56x7 devices. Using the
broadcast address, the AD56x7R/AD56x7 responds regardless of
the states of the address pins. Broadcast is supported only in write
mode. The AD56x7R/AD56x7 broadcast address is 00010000.
Table 8. Command Definition
C2
C1
C0
Command
0
0
0
Write to input register n
0
0
1
Update DAC register n
0
1
0
Write to input register n, update all
(software LDAC)
0
1
1
Write to and update DAC channel n
1
0
0
Power up/power down
1
0
1
Reset
1
1
0
LDAC register setup
1
1
1
Internal reference setup (on/off )
Table 9. DAC Address Command
A2
A1
A0
ADDRESS (n)
0
0
0
DAC A
0
0
1
DAC B
1
1
1
Both DACs
LDAC FUNCTION
The AD56x7R/AD56x7 DACs have double-buffered interfaces
consisting of two banks of registers, input registers and DAC
registers. The input registers are connected directly to the input
shift register, and the digital code is transferred to the relevant
input register on completion of a valid write sequence. The
DAC registers contain the digital codes used by the resistor strings.
Access to the DAC registers is controlled by the LDAC pin.
When the LDAC pin is high, the DAC registers are latched and
the input registers can change state without affecting the
contents of the DAC registers. When LDAC is brought low,
however, the DAC registers become transparent and the contents
of the input registers are transferred to them. The double-
buffered interface is useful if the user requires simultaneous
updating of all DAC outputs. The user can write to one of the
input registers individually and then, by bringing LDAC low
when writing to the other DAC input register, all outputs
update simultaneously.
These parts each contain an extra feature whereby a DAC
register is not updated unless its input register has been updated
since the last time LDAC was brought low. Normally, when LDAC
is brought low, the DAC registers are filled with the contents of the
input registers. In the case of the AD56x7R/AD56x7, the DAC
register updates only if the input register has changed since the
last time the DAC register was updated, thereby removing
unnecessary digital crosstalk.
The outputs of all DACs can be simultaneously updated, using
the hardware LDAC pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com