Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9783BCPZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9783BCPZ
Description  Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9783BCPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9783BCPZ Datasheet HTML 2Page - Analog Devices AD9783BCPZ Datasheet HTML 3Page - Analog Devices AD9783BCPZ Datasheet HTML 4Page - Analog Devices AD9783BCPZ Datasheet HTML 5Page - Analog Devices AD9783BCPZ Datasheet HTML 6Page - Analog Devices AD9783BCPZ Datasheet HTML 7Page - Analog Devices AD9783BCPZ Datasheet HTML 8Page - Analog Devices AD9783BCPZ Datasheet HTML 9Page - Analog Devices AD9783BCPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
AD9780/AD9781/AD9783
Rev. A | Page 6 of 36
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CVDD18
CVSS
CLKP
CLKN
CVSS
CVDD18
DVSS
DVDD18
D11P
D11N
D10P
D10N
D9P
D9N
D8P
D8N
17
D7P
18
D7N
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
FS ADJ
RESET
CSB
SCLK
SDIO
SDO
DVSS
DVDD18
NC
NC
NC
NC
NC
NC
NC
NC
D0N
D0P
NOTES
1. NC = NO CONNECT
2. EXPOSED PAD MUST BE
SOLDERED TO PCB AND
CONNECTED TO AVSS.
PIN 1
INDICATOR
AD9780
(TOP VIEW)
Figure 2. AD9780 Pin Configuration
Table 6. AD9780 Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 6
CVDD18
Clock Supply Voltage (1.8 V).
2, 5
CVSS
Clock Supply Return.
3, 4
CLKP, CLKN
Differential DAC Sampling Clock Input.
7, 28, 48
DVSS
Digital Common.
8, 47
DVDD18
Digital Supply Voltage (1.8 V).
9 to 24, 31 to 38
D11P, D11N to D0P, D0N
LVDS Data Inputs. D11 is the MSB, D0 is the LSB.
25, 26
DCOP, DCON
Differential Data Clock Output. LVDS clock at the DAC sample rate.
27
DVDD33
Digital Input and Output Pad Ring Supply Voltage (3.3 V).
29, 30
DCIP, DCIN
Differential Data Clock Input. LVDS clock aligned with input data.
39 to 46
NC
No Connection. Leave these pins floating.
49
SDO
Serial Port Data Output.
50
SDIO
Serial Port Data Input (4-Wire Mode) or Bidirectional Serial Data Line (3-Wire Mode).
51
SCLK
Serial Port Clock Input.
52
CSB
Serial Port Chip Select (Active Low).
53
RESET
Chip Reset (Active High).
54
FS ADJ
Full-Scale Current Output Adjust.
55
REFIO
Analog Reference Input/Output (1.2 V Nominal).
56, 57, 71, 72
AVDD33
Analog Supply Voltage (3.3 V).
58, 61, 64, 67, 70
AVSS
Analog Common.
59
IOUT2P
DAC Current Output. Full-scale current is sourced when all data bits are 1s.
60
IOUT2N
Complementary DAC Current Output. Full-scale current is sourced when all data bits are 0s.
62, 63
AUX2P, AUX2N
Differential Auxiliary DAC Current Output (Channel 2).
65, 66
AUX1N, AUX1P
Differential Auxiliary DAC Current Output (Channel 1).
68
IOUT1N
Complementary DAC Current Output. Full-scale current is sourced when all data bits are 0s.
69
IOUT1P
DAC Current Output. Full-scale current is sourced when all data bits are 1s.
Heat Sink Pad
N/A
The heat sink pad on the bottom of the package should be soldered to the PCB plane that
carries AVSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com