Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9783BCPZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9783BCPZ
Description  Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9783BCPZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9783BCPZ Datasheet HTML 16Page - Analog Devices AD9783BCPZ Datasheet HTML 17Page - Analog Devices AD9783BCPZ Datasheet HTML 18Page - Analog Devices AD9783BCPZ Datasheet HTML 19Page - Analog Devices AD9783BCPZ Datasheet HTML 20Page - Analog Devices AD9783BCPZ Datasheet HTML 21Page - Analog Devices AD9783BCPZ Datasheet HTML 22Page - Analog Devices AD9783BCPZ Datasheet HTML 23Page - Analog Devices AD9783BCPZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
AD9780/AD9781/AD9783
Rev. A | Page 20 of 36
SPI REGISTER MAP
Table 11.
Register Name
Addr
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SPI Control
0x00
0x00
SDIO_DIR
LSBFIRST
RESET
Data Control
0x02
0x00
DATA
INVDCO
Power-Down
0x03
0x00
PD_DCO
PD_INPT
PD_AUX2
PD_AUX1
PD_BIAS
PD_CLK
PD_DAC2
PD_DAC1
Setup and Hold
0x04
0x00
SET[3:0]
HLD[3:0]
Timing Adjust
0x05
0x00
SAMP_DLY[4:0]
Seek
0x06
0x00
LVDS low
LVDS high
SEEK
Mix Mode
0x0A
0x00
DAC1MIX[1:0]
DAC2MIX[1:0]
DAC1 FSC
0x0B
0xF9
DAC1FSC[7:0]
DAC1 FSC MSBs
0x0C
0x01
DAC1FSC[9:8]
AUXDAC1
0x0D
0x00
AUXDAC1[7:0]
AUXDAC1 MSB
0x0E
0x00
AUX1SGN
AUX1DIR
AUXDAC1[9:8]
DAC2 FSC
0x0F
0xF9
DAC2FSC[7:0]
DAC2 FSC MSBs
0x10
0x01
DAC2FSC[9:8]
AUXDAC2
0x11
0x00
AUXDAC2[7:0]
AUXDAC2 MSB
0x12
0x00
AUX2SGN
AUX2DIR
AUXDAC2[9:8]
BIST Control
0x1A
0x00
BISTEN
BISTRD
BISTCLR
BIST Result 1 Low
0x1B
0x00
BISTRES1[7:0]
BIST Result 1 High
0x1C
0x00
BISTRES1[15:8]
BIST Result 2 Low
0x1D
0x00
BISTRES2[7:0]
BIST Result 2 High
0x1E
0x00
BISTRES2[15:8]
Hardware Version
0x1F
N/A
VERSION[3:0]
DEVICE[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com