Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9783BCPZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD9783BCPZ
Description  Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9783BCPZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9783BCPZ Datasheet HTML 11Page - Analog Devices AD9783BCPZ Datasheet HTML 12Page - Analog Devices AD9783BCPZ Datasheet HTML 13Page - Analog Devices AD9783BCPZ Datasheet HTML 14Page - Analog Devices AD9783BCPZ Datasheet HTML 15Page - Analog Devices AD9783BCPZ Datasheet HTML 16Page - Analog Devices AD9783BCPZ Datasheet HTML 17Page - Analog Devices AD9783BCPZ Datasheet HTML 18Page - Analog Devices AD9783BCPZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
AD9780/AD9781/AD9783
Rev. A | Page 15 of 36
fOUT (MHz)
100
40
45
50
55
60
65
70
75
80
85
90
95
0
50
100
150
200
500
250
300
350
400
450
Figure 41. AD9781 SFDR vs. fOUT in Baseband and Mix Modes, at 500 MSPS,
FS = 20 mA
fOUT (MHz)
100
40
45
50
55
60
65
70
75
80
85
90
95
0
60
120
180
240
600
300
360
420
480
540
IMD @ 500MSPS
Figure 42. AD9781 IMD vs. fOUT in Baseband and Mix Modes, at 500 MSPS,
FS = 20 mA
fOUT (MHz)
–170
–168
–166
–164
–162
–160
–158
–156
–154
–152
–150
–148
–146
–144
–142
–140
0
50
100
150
200
500
250
300
350
400
450
1-TONE
8-TONE
Figure 43. AD9781 One-Tone, Eight-Tone NSD vs. fOUT in Baseband and Mix
Modes, at 500 MSPS, FS = 20 mA
–90
–50
–55
–60
–65
–70
–75
–80
–85
0
500
400
300
200
100
fOUT (MHz)
FIRST
ADJACENT
CHANNEL
SECOND
ADJACENT
CHANNEL
THIRD
ADJACENT
CHANNEL
Figure 44. AD9781 ACLR for One-Carrier W-CDMA Baseband and Mix Modes,
at 491.52 MSPS, FS = 20 mA
0.1
0.2
0
–0.1
–0.2
–0.3
–0.6
–0.5
–0.4
0
CODE
1024
2048
3072
4096
Figure 45. AD9780 INL, FS = 20 mA
0.04
0.02
0
–0.02
–0.06
–0.08
–0.10
–0.12
–0.04
0
CODE
1024
2048
3072
4096
Figure 46. AD9780 DNL, FS = 20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com