Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9783BCPZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD9783BCPZ
Description  Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9783BCPZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9783BCPZ Datasheet HTML 22Page - Analog Devices AD9783BCPZ Datasheet HTML 23Page - Analog Devices AD9783BCPZ Datasheet HTML 24Page - Analog Devices AD9783BCPZ Datasheet HTML 25Page - Analog Devices AD9783BCPZ Datasheet HTML 26Page - Analog Devices AD9783BCPZ Datasheet HTML 27Page - Analog Devices AD9783BCPZ Datasheet HTML 28Page - Analog Devices AD9783BCPZ Datasheet HTML 29Page - Analog Devices AD9783BCPZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
AD9780/AD9781/AD9783
Rev. A | Page 26 of 36
CH1 100mV
A CH1
58mV
1
125ps/DIV 2.12ns
20GSPS IT 2.5ps/PT
V1: 296mV
V2: –228mV
ΔV: –524mV
Figure 58. Eye Diagram of Data Source Used in Building the 600 MHz Timing
Data Array of Table 14
Over temperature, the valid sampling window shifts. Therefore,
when attempting operation of the device over 500 MHz, the
timing must be optimized again whenever the device undergoes
a temperature change of more than 20oC. Another consideration
in the timing of the digital data port is the propagation delay
variation from the clock output (DCOP/DCON) to the clock
input. If this varies significantly over time (more than 25% of
SET or HLD) due to temperature changes or other effects,
repeat this timing calibration procedure.
At sample rates of ≤400 MSPS, the interface timing margin is
sufficient to allow for a simplified procedure. In this case, the
SEEK bit can be recorded as SMP is swept through the range
from 0 to 31. The center of the first valid sampling window can
then be chosen as the optimal value of SMP. Using the 400 MHz
case from Table 14 as an example, the first valid sampling
window occurs for SMP values of 7 to 13. The center of this
window is 10, so 10 can be used as the optimal SMP value.
DRIVING THE CLK INPUT
The CLK input requires a low jitter differential drive signal. It is
a PMOS input differential pair powered from the 1.8 V supply;
therefore, it is important to maintain the specified 400 mV
input common-mode voltage. Each input pin can safely swing
from 200 mV p-p to 1 V p-p about the 400 mV common-mode
voltage. While these input levels are not directly LVDS-compatible,
CLK can be driven by an offset ac-coupled LVDS signal, as
shown in Figure 59.
LVDS_P_IN
CLKP
50Ω
50Ω
0.1µF
0.1µF
LVDS_N_IN
CLKN
VCM = 400mV
Figure 59. LVDS DAC CLK Drive Circuit
If a clean sine clock is available, it can be transformer-coupled
to CLKP and CLKN as shown in Figure 60. Use of a CMOS or
TTL clock is also acceptable for lower sample rates. It can be
routed through a CMOS-to-LVDS translator, and then ac-
coupled, as described in this section. Alternatively, it can be
transformer-coupled and clamped, as shown in Figure 60.
50Ω
50Ω
TTL OR CMOS
CLK INPUT
CLKP
CLKN
VCM = 400mV
BAV99ZXCT
HIGH SPEED
DUAL DIODE
0.1µF
Figure 60. TTL or CMOS DAC CLK Drive Circuit
A simple bias network for generating the 400 mV common-
mode voltage is shown in Figure 61. It is important to use
CVDD18 and CGND for the clock bias circuit. Any noise or
other signal coupled onto the clock is multiplied by the DAC
digital input signal and can degrade the DAC’s performance.
0.1µF
1nF
VCM = 400mV
CVDD18
CGND
1kΩ
287Ω
1nF
Figure 61. DAC CLK VCM Generator Circuit
FULL-SCALE CURRENT GENERATION
Internal Reference
Full-scale current on the I DAC and Q DAC can be set from
8.66 mA to 31.66 mA. Initially, the 1.2 V band gap reference is
used to set up a current in an external resistor connected to
FS ADJ (Pin 54). A simplified block diagram of the reference
circuitry is shown in Figure 62. The recommended value for
the external resistor is 10 kΩ, which sets up an IREFERENCE in the
resistor of 120 μA, which in turn provides a DAC output full-
scale current of 20 mA. Because the gain error is a linear function
of this resistor, a high precision resistor improves gain matching
to the internal matching specification of the devices. Internal
current mirrors provide a current-gain scaling, where I DAC or
Q DAC gain is a 10-bit word in the SPI port register. The default
value for the DAC gain registers gives a full-scale current output
(IFS) of approximately 20 mA, where IFS is equal to
IFS = (86.6 + (0.220 × DAC gain)) × 1000/R
CURRENT
SCALING
1.2V BAND GAP
I DAC GAIN
Q DAC GAIN
AD9783
I DAC
Q DAC
DAC FULL-SCALE
REFERENCE CURRENT
REFIO
FS ADJ
0.1µF
10kΩ
Figure 62. Reference Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com