Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9783BCPZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD9783BCPZ
Description  Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9783BCPZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9783BCPZ Datasheet HTML 24Page - Analog Devices AD9783BCPZ Datasheet HTML 25Page - Analog Devices AD9783BCPZ Datasheet HTML 26Page - Analog Devices AD9783BCPZ Datasheet HTML 27Page - Analog Devices AD9783BCPZ Datasheet HTML 28Page - Analog Devices AD9783BCPZ Datasheet HTML 29Page - Analog Devices AD9783BCPZ Datasheet HTML 30Page - Analog Devices AD9783BCPZ Datasheet HTML 31Page - Analog Devices AD9783BCPZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
AD9780/AD9781/AD9783
Rev. A | Page 28 of 36
VBIAS
AUXP
AUXN
SINK
OR
SOURCE
POSITIVE
OR
NEGATIVE
0mA
TO
2mA
0mA
TO
2mA
impacted by this sinc roll-off depending on where the carrier is
placed, as shown in Figure 65.
0
–10
–20
–30
–40
0.5
01
1.0
2.0
(
fS)
NORMAL
MIX
.5
RETURN-TO-ZERO
Figure 66. Auxiliary DAC Functional Diagram
In a single sideband transmitter application, the combination of
the input referred dc offset voltage of the quadrature modulator
and the DAC output offset voltage can result in local oscillator
(LO) feedthrough at the modulator output, which degrades system
performance. The auxiliary DACs can be used to remove the dc
offset and the resulting LO feedthrough. The circuit configura-
tion for using the auxiliary DACs for performing dc offset
correction depends on the details of the DAC and modulator
interface. An example of a dc-coupled configuration with low-
pass filtering is shown in Figure 67.
Figure 65. Transfer Function for Each Analog Operating Mode
Auxiliary DACs
Two auxiliary DACs are provided on the AD9780/AD9781/
AD9783. A functional diagram is shown in Figure 66. The
auxiliary DACs are current output devices with two output
pins, AUXP and AUXN. The active pin can be programmed to
either source or sink current. When either sinking or sourcing,
the full-scale current magnitude is 2 mA. The available compliance
range at the auxiliary DAC outputs depends on whether the output
is configured to sink or source current. When sourcing current,
the compliance voltage is 0 V to 1.6 V, but when sinking current,
the output compliance voltage is reduced to 0.8 V to 1.6 V. Either
output can be used, but only one output of the AUX DAC (P or
N) is active at any time. The inactive pin is always in a high
impedance state (>100 kΩ).
AD9783
AUX
DAC1 OR
DAC2
AD9783
DAC1 OR
DAC2
25Ω TO 50Ω
QUAD MOD
I OR Q INPUTS
QUADRATURE
MODULATOR V+
25Ω TO 50Ω
OPTIONAL
PASSIVE
FILTERING
Figure 67. DAC DC-Coupled to Quadrature Modulator with a Passive DC Shift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com