Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4932-2YCPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4932-2YCPZ-R7
Description  Low Power Differential ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4932-2YCPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4932-2YCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ADA4932-1/ADA4932-2
Rev. 0 | Page 9 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, +VS = 5 V, −VS = −5 V, VOCM = 0 V, RG = 499 Ω, RF = 499 Ω, RT = 53.6 Ω (when used), RL,dm = 1 kΩ, unless otherwise noted.
Refer to Figure 52 for test setup. Refer to Figure 55 for signal definitions.
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
1M
10M
100M
1G
FREQUENCY (Hz)
VIN = 100mV p-p
RF = 499Ω
RG = 499Ω, 249Ω
GAIN = 1
GAIN = 2
Figure 7. Small Signal Frequency Response for Various Gains
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
1M
10M
100M
1G
10G
FREQUENCY (Hz)
RF = RG = 499Ω
RF = RG = 205Ω
VOUT, dm = 100mV p-p
Figure 8. Small Signal Frequency Response for Various RF and RG
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
1M
10M
100M
1G
FREQUENCY (Hz)
VOUT, dm = 100mV p-p
VS = ±5V
VS = ±2.5V
Figure 9. Small Signal Frequency Response for Various Supplies
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
1M
10M
100M
1G
FREQUENCY (Hz)
VIN = 2V p-p
RF = 499Ω
RG = 499Ω, 249Ω
GAIN = 1
GAIN = 2
Figure 10. Large Signal Frequency Response for Various Gains
2
–8
–7
–6
–5
–4
–3
–2
–1
0
1
FREQUENCY (Hz)
VOUT, dm = 2V p-p
RF = RG = 499Ω
RF = RG = 205Ω
1M
1G
100M
10M
Figure 11. Large Signal Frequency Response for Various RF and RG
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
1M
10M
100M
1G
FREQUENCY (Hz)
VOUT, dm = 2V p-p
VS = ±5V
VS = ±2.5V
Figure 12. Large Signal Frequency Response for Various Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com