Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4932-2YCPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADA4932-2YCPZ-R7
Description  Low Power Differential ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4932-2YCPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADA4932-2YCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
ADA4932-1/ADA4932-2
Rev. 0 | Page 19 of 28
THEORY OF OPERATION
The ADA4932-x differs from conventional op amps in that it
has two outputs whose voltages move in opposite directions and
an additional input, VOCM. Like an op amp, it relies on high open-
loop gain and negative feedback to force these outputs to the
desired voltages. The ADA4932-x behaves much like a standard
voltage feedback op amp and facilitates single-ended-to-differential
conversions, common-mode level shifting, and amplifications of
differential signals. Like an op amp, the ADA4932-x has high input
impedance and low output impedance. Because it uses voltage
feedback, the ADA4932-x manifests a nominally constant gain
bandwidth product.
Two feedback loops are employed to control the differential and
common-mode output voltages. The differential feedback, set
with external resistors, controls only the differential output voltage.
The common-mode feedback controls only the common-mode
output voltage. This architecture makes it easy to set the output
common-mode level to any arbitrary value within the specified
limits. The output common-mode voltage is forced, by the internal
common-mode feedback loop, to be equal to the voltage applied
to the VOCM input.
The internal common-mode feedback loop produces outputs
that are highly balanced over a wide frequency range without
requiring tightly matched external components. This results in
differential outputs that are very close to the ideal of being
identical in amplitude and are exactly 180° apart in phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com