Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4932-2YCPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4932-2YCPZ-R7
Description  Low Power Differential ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4932-2YCPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4932-2YCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ADA4932-1/ADA4932-2
Rev. 0 | Page 13 of 28
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
100k
1M
10M
100M
FREQUENCY (Hz)
HD2, 2V p-p
HD3, 2V p-p
HD2, 4V p-p
HD3, 4V p-p
Figure 31. Harmonic Distortion vs. Frequency at Various VOUT,dm
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
100k
1M
10M
100M
FREQUENCY (Hz)
VOUT, dm = 2V p-p
RL = 200Ω
RL = 1kΩ
Figure 32. Spurious-Free Dynamic Range vs. Frequency at Various Loads
–100
–90
–80
–60
–70
–50
–40
–30
–20
1M
10M
100M
1G
FREQUENCY (Hz)
RL, dm = 200Ω
Figure 33. CMRR vs. Frequency
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
100k
1M
10M
100M
FREQUENCY (Hz)
VOUT, dm = 2V p-p
HD2, RF = RG = 499Ω
HD3, RF = RG = 499Ω
HD2, RF = RG = 200Ω
HD3, RF = RG = 200Ω
Figure 34. Harmonic Distortion vs. Frequency at Various RF and RG
10
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (MHz)
VOUT, dm = 2V p-p
29.6
29.7
29.8
29.9
30.0
30.1
30.2
30.3
30.4
30.5
Figure 35. 30 MHz Intermodulation Distortion
–140
–120
–100
–80
–60
–40
–20
0
1M
10M
100M
1G
FREQUENCY (Hz)
RL, dm = 200Ω
–PSRR
+PSRR
Figure 36. PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com